Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA-7210TA Fiches technique(PDF) 7 Page - Copal Electronics

No de pièce SA-7210TA
Description  ROTARY CODED SWITCHES (SMD)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COPAL [Copal Electronics]
Site Internet  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SA-7210TA Fiches technique(HTML) 7 Page - Copal Electronics

Back Button SA-7210TA Datasheet HTML 3Page - Copal Electronics SA-7210TA Datasheet HTML 4Page - Copal Electronics SA-7210TA Datasheet HTML 5Page - Copal Electronics SA-7210TA Datasheet HTML 6Page - Copal Electronics SA-7210TA Datasheet HTML 7Page - Copal Electronics SA-7210TA Datasheet HTML 8Page - Copal Electronics SA-7210TA Datasheet HTML 9Page - Copal Electronics SA-7210TA Datasheet HTML 10Page - Copal Electronics SA-7210TA Datasheet HTML 11Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SA-7000
ROTARY CODED SWITCHES (SMD)
OUTLINE DIMESIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
O SA-7210A (Real code)
O SA-7230A (Complementary code)
<Top setting>
O SA-7210B (Real code)
O SA-7230B (Complementary code)
O SA-7210C (Real code)
O SA-7230C (Complementary code)
O SA-7250A (Real code)
O SA-7270A (Complementary code)
O SA-7250B (Real code)
O SA-7270B (Complementary code)
O SA-7250C (Real code)
O SA-7270C (Complementary code)
Production date code
Marking appears only with complementary code
0.6 W
× 2.8 L × 0.8 D
7.2
6 – 0.8
t = 0.15
2.54
2.54
3
0
9
1
Production
date code
A Projection
Marking appears only with complementary code
0.6 W
× 2.8 L × 0.8 D
7.2
6 – 0.5
t = 0.15
2.54
2.54
2.9
0.5
A
4
± 1
0
9
1
Production
date code
A Projection
Marking appears only with complementary code
0.6 W
× 2.8 L × 0.8 D
7.2
6 – 0.5
t = 0.15
2.54
2.54
2.9
0.5
A
4
± 1
0
F 1
Production date code
Marking appears only with complementary code
0.6 W
× 2.8 L × 0.8 D
7.2
6 – 0.8
t = 0.15
2.54
2.54
3
0
F 1
Production date code
Marking appears only with complementary code
0.6 W
× 2.8 L × 0.8 D
7.2
6 – 0.8
t = 0.15
2.54
2.54
3
0
9
1
Production date code
Marking appears only with complementary code
0.6 W
× 2.8 L × 0.8 D
7.2
6 – 0.8
t = 0.15
2.54
2.54
3
0
F 1


Numéro de pièce similaire - SA-7210TA

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SA-7210TA ETC2-SA-7210TA Datasheet
592Kb / 14P
   ROTARY CODED SWITCHES (SMD)
More results

Description similaire - SA-7210TA

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SA-7000 ETC2-SA-7000 Datasheet
592Kb / 14P
   ROTARY CODED SWITCHES (SMD)
logo
Copal Electronics
S-4000 COPAL-S-4000 Datasheet
957Kb / 4P
   ROTARY CODED SWITCHES (SMD)
logo
Cooper Bussmann, Inc.
SH-7010TA COOPER-SH-7010TA Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES SMD
logo
List of Unclassifed Man...
S-7070ETB ETC2-S-7070ETB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
SH-7000 ETC2-SH-7000 Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES (SMD)
logo
Copal Electronics
SH-7000 COPAL-SH-7000 Datasheet
1Mb / 6P
   ROTARY CODED SWITCHES (SMD)
S-7000 COPAL-S-7000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES (SMD)
logo
List of Unclassifed Man...
S-7070EB ETC2-S-7070EB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
S-4010A ETC2-S-4010A Datasheet
153Kb / 4P
   ROTARY CODED SWITCHES (SMD)
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com