Moteur de recherche de fiches techniques de composants électroniques |
|
SA-5010CE Fiches technique(PDF) 2 Page - Copal Electronics |
|
SA-5010CE Fiches technique(HTML) 2 Page - Copal Electronics |
2 / 8 page SA-5000 ROTARY CODED SWITCHES ■ PART NUMBER DESIGNATION S A - 5 0 1 0 A 1 E W Series name Shape of rotor 0 :Without knob 1 :With knob (extended shaft) Code format 1 :10 positions, real code 3 :10 positions, complementary code 5 :16 positions, real code 7 :16 positions, complementary code Resistance value 1 :10 kΩ 3 :3.3 kΩ Terminal pin E :Sn-Cu (Lead-flee) Form of packaging W :Tray packaging Blank :Plastic bag Built-in circuit A :Resistors (Housing color Yellow) B :Resistor and diodes (Housing color Red) C :Diodes (Housing color Black) D :Diodes (Housing color Black) (Polarity is for reverse with C) Setting position 0 :Top setting 1 :Side setting ■ STANDARD SPECIFICATIONS ■ MECHANICAL CHARACTERISTICS ■ ELECTRICAL CHARACTERISTICS ■ ENVIRONMENTAL CHARACTERISTICS Circuit type Operating temperature range Storage temperature range Sealing Net weight BCD (Real code, complementary code) BCH (Real code, complementary code) −25 ~ 75 °C Washable by “O” ring ※Please refer to 150,151 Approx. 1.5 g (Top setting) Approx. 2.0 g (Side setting) Approx. 1.6 g (Top setting with knob) Approx. 2.0 g (Side setting with knob) Contact rating Non-switching Switching Contact resistance Insulation resistance Dielectric strength DC50 V 100 mA DC5 V 100 mA 1 Ω maximum 1000 M Ω (DC100 V) minimum AC250 V, 60 s Vibration Shock Load life Humidity (Steady state) High temperature exposure Low temperature exposure Thermal shock (Amplitude) 1.5 mm or (Acceleration) 98 m/s 2, 10-500-10 Hz, 3 directions for 2 h each 490 m/s 2, 11 ms 6 directions for 3 times each 10000 steps minimum DC5 V, 100 mA 40 °C, Relative humidity 90 ~ 95 %, 240 h 75 °C, 16 h − 25 °C, 16 h −25 (0.5 h) ~ 75 °C (0.5 h), 5 cycles No. of positions 16, 10 Adjustment torque 10 ~ 35 mN·m {102 ~ 357 gf·cm} Stepping angle 22.5° (16 positions) 36° (10 positions) Terminal strength 10 N {1.02 kgf} minimum Solderability 245 ± 3 °C, 2 ~ 3 s Soldering heat { } : Reference only Flow : 260 ± 3 °C, 5 ~ 6 s, two times maximum Manual soldering : 380 ± 10 °C, 3 ~ 4 s |
Numéro de pièce similaire - SA-5010CE |
|
Description similaire - SA-5010CE |