Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMS-IRDK250-16 Fiches technique(PDF) 2 Page - American Microsemiconductor

No de pièce AMS-IRDK250-16
Description  Specifications Sheet
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMMSEMI [American Microsemiconductor]
Site Internet  http://www.americanmicrosemi.com/
Logo AMMSEMI - American Microsemiconductor

AMS-IRDK250-16 Fiches technique(HTML) 2 Page - American Microsemiconductor

  AMS-IRDK250-16 Datasheet HTML 1Page - American Microsemiconductor AMS-IRDK250-16 Datasheet HTML 2Page - American Microsemiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AMS-IRDK250-08
Specifications Sheet
American Microsemiconductor Inc.
Page 2 of 2
133 Kings Road, Madison, NJ 07940
AS/EN/JISQ/ 9100:2009 REV C and ISO 9001:2008 Certificate No: 45325
Tel. 973-377-9566 fax. 973-377-3078
http://www.americanmicrosemiconductor.com
Electrical characteristics:
Symbol
Parameter
Test condition
Rating
Unit
IRRM
Peak off-state repetitive current
VD=VDRM, sine half wave, Tjm
20
mA
VFM
Peak forward voltage
IFM =1000A, Tj=25 C
1.4
V
Rth(j-c)
Thermal resistance junction-case
Single-side heat dissipation, sine half wave
0.14
C/W
Transient thermal impedance (junction-case)
Time (s)
On-state surge current vs cycles
Cycles @50Hz
I
2t Characteristic
Time (ms)
On-state current vs voltage characteristic
On-state peak current (A)


Numéro de pièce similaire - AMS-IRDK250-16

FabricantNo de pièceFiches techniqueDescription
logo
American Microsemicondu...
AMS-IRDK250-08 AMMSEMI-AMS-IRDK250-08 Datasheet
537Kb / 2P
   Specifications Sheet
More results

Description similaire - AMS-IRDK250-16

FabricantNo de pièceFiches techniqueDescription
logo
American Microsemicondu...
AMS-IRDK250-08 AMMSEMI-AMS-IRDK250-08 Datasheet
537Kb / 2P
   Specifications Sheet
logo
America Semiconductor, ...
1N6101 AMERICASEMI-1N6101 Datasheet
549Kb / 1P
   Specifications Sheet
logo
American Microsemicondu...
1N4725 AMMSEMI-1N4725 Datasheet
430Kb / 1P
   Specifications Sheet
logo
Schurter Inc.
HDT SCHURTER-HDT Datasheet
192Kb / 4P
   NO 2pole, IP65, illuminated Data sheet / Specifications
logo
Molex Electronics Ltd.
64001-3900 MOLEX2-64001-3900 Datasheet
319Kb / 9P
   Hand Crimp Tool Operating Instruction Sheet and Specifications
logo
AMETHERM Circuit Protec...
SM06103370 AMETHERM-SM06103370 Datasheet
94Kb / 1P
   Electrical Specifications: Mechanical Specifications:
SM06223395-HT AMETHERM-SM06223395-HT Datasheet
94Kb / 1P
   Electrical Specifications: Mechanical Specifications:
SM06503395 AMETHERM-SM06503395 Datasheet
94Kb / 1P
   Electrical Specifications: Mechanical Specifications:
SM06503410 AMETHERM-SM06503410 Datasheet
94Kb / 1P
   Electrical Specifications: Mechanical Specifications:
SM06623410 AMETHERM-SM06623410 Datasheet
94Kb / 1P
   Electrical Specifications: Mechanical Specifications:
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com