Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSAV430 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FSAV430
Description  Low Voltage Ultra Low Power High Bandwidth (1.1GHz) Quad SPDT Video Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSAV430 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FSAV430 Datasheet HTML 1Page - Fairchild Semiconductor FSAV430 Datasheet HTML 2Page - Fairchild Semiconductor FSAV430 Datasheet HTML 3Page - Fairchild Semiconductor FSAV430 Datasheet HTML 4Page - Fairchild Semiconductor FSAV430 Datasheet HTML 5Page - Fairchild Semiconductor FSAV430 Datasheet HTML 6Page - Fairchild Semiconductor FSAV430 Datasheet HTML 7Page - Fairchild Semiconductor FSAV430 Datasheet HTML 8Page - Fairchild Semiconductor FSAV430 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2004 Fairchild Semiconductor Corporation
DS500890
www.fairchildsemi.com
December 2004
Revised December 2004
FSAV430
Low Voltage Ultra Low Power
High Bandwidth (1.1GHz) Quad SPDT Video Switch
General Description
FSAV430 is a high performance Quad SPDT (2-to-1 multi-
plexer/demultiplexer) video switch designed specifically for
switching high definition YPbPr and computer RGB (up to
UXGA) signals. The bandwidth of this device is 1.1GHz
(Typ) which allows signals to pass with minimal edge and
phase distortion. Image integrity is maintained with low
crosstalk, high OFF-Isolation and low differential gain and
phase. The low On Resistance (4.5
Ω typical) minimizes
signal insertion loss. Low voltage operation (3V), low
power consumption (1uA maximum) and small scale pack-
aging (including leadless DQFN) make this device ideal for
a broad range of applications.
Features
s
−50dB OFF Isolation at 10MHz
s
−75dB non-adjacent channel crosstalk at 10MHz
s 4.5
Ω typical On Resistance (R
ON)
s
−3dB bandwidth: 1.1GHz
s Low power consumption (1uA max)
s Control input: TTL compatible
s Bidirectional operation
Applications
• RGB Video Switch in LCD,
plasma and projection displays
•DVD-RW
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Note 1: DQFN package available in Tape and Reel only.
Order Number Package Number
Package Description
FSAV430BQX
(Note 1)
(Preliminary)
MLP016E
16-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN), JEDEC MO-241,
2.5 x 3.5mm
FSAV430QSC
MQA16
16-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150" Wide
FSAV430MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide


Numéro de pièce similaire - FSAV430

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSAV430 FAIRCHILD-FSAV430 Datasheet
544Kb / 12P
   Low Voltage 1.1GHz 4 Channel 2:1 Video Switch
logo
ON Semiconductor
FSAV430 ONSEMI-FSAV430 Datasheet
909Kb / 12P
   Low Voltage 1.1GHz, 4-Channel, 2:1 Video Switch
January 2011 Rev. 1.02
logo
Fairchild Semiconductor
FSAV430BQX FAIRCHILD-FSAV430BQX Datasheet
544Kb / 12P
   Low Voltage 1.1GHz 4 Channel 2:1 Video Switch
FSAV430MTC FAIRCHILD-FSAV430MTC Datasheet
544Kb / 12P
   Low Voltage 1.1GHz 4 Channel 2:1 Video Switch
logo
ON Semiconductor
FSAV430MTCX ONSEMI-FSAV430MTCX Datasheet
909Kb / 12P
   Low Voltage 1.1GHz, 4-Channel, 2:1 Video Switch
January 2011 Rev. 1.02
More results

Description similaire - FSAV430

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STG3692 STMICROELECTRONICS-STG3692 Datasheet
313Kb / 18P
   Low voltage high bandwidth quad SPDT switch
STG3693 STMICROELECTRONICS-STG3693_1 Datasheet
295Kb / 18P
   Low voltage high bandwidth Quad SPDT switch
STG3693 STMICROELECTRONICS-STG3693 Datasheet
309Kb / 17P
   Low voltage high bandwidth Quad SPDT switch
logo
Savitech Corp.
SV7330SE SAVITECH-SV7330SE Datasheet
750Kb / 20P
   8KV ESD, Low Ron, Ultra-Wide Bandwidth, Low Power, Quad SPDT Video Switch
SV7330E SAVITECH-SV7330E Datasheet
750Kb / 20P
   8KV ESD, Low Ron, Wide Bandwidth, Low Power, Quad SPDT Video Switch
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330 Datasheet
303Kb / 8P
   Low On Resistance Quad SPDT Wide Bandwidth Video Switch
logo
STMicroelectronics
STMAV340 STMICROELECTRONICS-STMAV340 Datasheet
1Mb / 21P
   Low ON Resistance Quad, SPDT, Wide-Bandwidth Video Switch
logo
Fairchild Semiconductor
FSAV430 FAIRCHILD-FSAV430_05 Datasheet
544Kb / 12P
   Low Voltage 1.1GHz 4 Channel 2:1 Video Switch
logo
STMicroelectronics
STG3682 STMICROELECTRONICS-STG3682 Datasheet
303Kb / 19P
   Low voltage high bandwidth dual SPDT switch
STG3220 STMICROELECTRONICS-STG3220 Datasheet
497Kb / 23P
   Low voltage high bandwidth dual SPDT switch
May 2009 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com