Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


U444-06N-DU-C Datasheet(Fiches technique) 2 Page - Tripp Lite. All Rights Reserved

Numéro de pièce U444-06N-DU-C
Description  USB 3.1 Gen 1 USB-C to DVI DisplayPort Alternate Mode External Video Adapter with USB-A Hub and USB-C Charging Port
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo 

   
 2 page
background image
Ideal for multitasking, viewing spreadsheet data, editing documents, giving presentations, watching movies and playing video games
Plug-and-play—no software, external power supply or drivers required
USB-A Hub Port
Connect USB peripherals, such as a thumb drive or printer, to your device
Backward compatible with previous USB generations
USB-C Port for Charging Portable Devices
Supports power input up to 20V 3A (60W)
Connects to USB-C wall charger to power connected devices
Vibrant, Superior Video Quality
Supports DVI single-link video resolutions up to 1920 x 1080 (1080p) @ 60 Hz
Supports USB 3.1 Gen 1 data transfer rates up to 5 Gbps
Supports DVI digital transfer rates of 6.75 Gbps (2.25 Gbps per channel)
Specifications
CONNECTIONS
Side A - Connector 1
USB C (MALE)
Side B - Connector 1
DVI-I DUAL-LINK (FEMALE) (WIRED TO DVI-D SINGLE-LINK)
Side B - Connector 2
USB 3.0 A (FEMALE)
Side B - Connector 3
USB C (FEMALE)
WARRANTY
Product Warranty Period (Worldwide)
1-year limited warranty
© 2016 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 2




Html Pages

1  2 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl