Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AUIRFS3206TRL Fiches technique(PDF) 6 Page - Infineon Technologies AG

No de pièce AUIRFS3206TRL
Description  AUTOMOTIVE GRADE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIRFS3206TRL Fiches technique(HTML) 6 Page - Infineon Technologies AG

Back Button AUIRFS3206TRL Datasheet HTML 2Page - Infineon Technologies AG AUIRFS3206TRL Datasheet HTML 3Page - Infineon Technologies AG AUIRFS3206TRL Datasheet HTML 4Page - Infineon Technologies AG AUIRFS3206TRL Datasheet HTML 5Page - Infineon Technologies AG AUIRFS3206TRL Datasheet HTML 6Page - Infineon Technologies AG AUIRFS3206TRL Datasheet HTML 7Page - Infineon Technologies AG AUIRFS3206TRL Datasheet HTML 8Page - Infineon Technologies AG AUIRFS3206TRL Datasheet HTML 9Page - Infineon Technologies AG AUIRFS3206TRL Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
 
AUIRFS/SL3206
6
2015-10-27
 
Fig 16. Threshold Voltage vs. Temperature
Fig. 18 - Typical Recovery Current vs. dif/dt
Fig. 20 - Typical Stored Charge vs. dif/dt
Fig. 17 - Typical Recovery Current vs. dif/dt
Fig. 19 - Typical Stored Charge vs. dif/dt
-75 -50 -25
0
25
50
75 100 125 150 175
TJ , Temperature ( °C )
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
ID = 1.0A
ID = 1.0mA
ID = 250µA
ID = 150µA
100 200 300 400 500 600 700 800 900 1000
dif / dt - (A / µs)
0
2
4
6
8
10
12
14
16
18
IF = 30A
VR = 51V
TJ = 125°C
TJ = 25°C
100 200 300 400 500 600 700 800 900 1000
dif / dt - (A / µs)
0
2
4
6
8
10
12
14
16
18
IF = 45A
VR = 51V
TJ = 125°C
TJ = 25°C
100 200 300 400 500 600 700 800 900 1000
dif / dt - (A / µs)
0
50
100
150
200
250
300
350
IF = 30A
VR = 51V
TJ = 125°C
TJ = 25°C
100 200 300 400 500 600 700 800 900 1000
dif / dt - (A / µs)
0
50
100
150
200
250
300
350
IF = 45A
VR = 51V
TJ = 125°C
TJ = 25°C


Numéro de pièce similaire - AUIRFS3206TRL

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
AUIRFS3206TRL IRF-AUIRFS3206TRL Datasheet
292Kb / 13P
   Advanced Process Technology Ultra Low On-Resistance
More results

Description similaire - AUIRFS3206TRL

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
AUIRFZ48Z IRF-AUIRFZ48Z Datasheet
258Kb / 14P
   AUTOMOTIVE GRADE
logo
Kersemi Electronic Co.,...
IRFR4105ZTRL KERSEMI-IRFR4105ZTRL Datasheet
4Mb / 12P
   AUTOMOTIVE GRADE
logo
International Rectifier
AUIRLR3105 IRF-AUIRLR3105 Datasheet
632Kb / 13P
   AUTOMOTIVE GRADE
logo
Infineon Technologies A...
AUIRF9952Q INFINEON-AUIRF9952Q Datasheet
329Kb / 11P
   AUTOMOTIVE GRADE
2015-10-5
AUIRF7379Q INFINEON-AUIRF7379Q Datasheet
355Kb / 11P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7341Q INFINEON-AUIRF7341Q Datasheet
427Kb / 10P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7319Q INFINEON-AUIRF7319Q Datasheet
371Kb / 11P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7304Q INFINEON-AUIRF7304Q Datasheet
523Kb / 9P
   AUTOMOTIVE GRADE
2015-11-16
logo
List of Unclassifed Man...
AUIRF1324 ETC2-AUIRF1324 Datasheet
438Kb / 11P
   AUTOMOTIVE GRADE
logo
International Rectifier
AUIRS2123S IRF-AUIRS2123S Datasheet
324Kb / 18P
   Automotive Grade
AUIRF2903Z IRF-AUIRF2903Z Datasheet
211Kb / 12P
   AUTOMOTIVE GRADE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com