Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S29GL512T11FHByyx Fiches technique(PDF) 14 Page - Cypress Semiconductor

No de pièce S29GL512T11FHByyx
Description  1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL512T11FHByyx Fiches technique(HTML) 14 Page - Cypress Semiconductor

Back Button S29GL512T11FHByyx Datasheet HTML 10Page - Cypress Semiconductor S29GL512T11FHByyx Datasheet HTML 11Page - Cypress Semiconductor S29GL512T11FHByyx Datasheet HTML 12Page - Cypress Semiconductor S29GL512T11FHByyx Datasheet HTML 13Page - Cypress Semiconductor S29GL512T11FHByyx Datasheet HTML 14Page - Cypress Semiconductor S29GL512T11FHByyx Datasheet HTML 15Page - Cypress Semiconductor S29GL512T11FHByyx Datasheet HTML 16Page - Cypress Semiconductor S29GL512T11FHByyx Datasheet HTML 17Page - Cypress Semiconductor S29GL512T11FHByyx Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 105 page
background image
Document Number: 002-00247 Rev. *G
Page 14 of 105
S29GL01GT, S29GL512T
The Persistent Protection method sets the PPB Lock to 1 during POR or Hardware Reset so that the PPB bits are unprotected by a
device reset. There is a command to clear the PPB Lock bit to 0 to protect the PPB bits. There is no command in the Persistent
Protection method to set the PPB Lock bit therefore the PPB Lock bit will remain at 0 until the next power-off or hardware reset. The
Persistent Protection method allows boot code the option of changing sector protection by programming or erasing the PPB, then
protecting the PPB from further change for the remainder of normal system operation by clearing the PPB Lock bit. This is
sometimes called Boot-code controlled sector protection.
The Password method clears the PPB Lock bit to 0 during POR or Hardware Reset to protect the PPB. A 64-bit password may be
permanently programmed and hidden for the password method. A command can be used to provide a password for comparison with
the hidden password. If the password matches the PPB Lock bit is set to 1 to unprotect the PPB. A command can be used to clear
the PPB Lock bit to 0.
The selection of the PPB Lock management method is made by programming OTP bits in the Lock Register so as to permanently
select the method used.
The Lock Register also contains OTP bits, for protecting the SSR.
The PPB bits are erased so that all main flash array sectors are unprotected when shipped from Cypress. The Secured Silicon
Region can be factory protected or left unprotected depending on the ordering option (model) ordered.
3.4.3
PPB Lock
The Persistent Protection Bit Lock is a volatile bit for protecting all PPB bits. When cleared to 0, it locks all PPBs and when set to 1,
it allows the PPBs to be changed. There is only one PPB Lock Bit per device.
The PPB Lock command is used to clear the bit to 0. The PPB Lock Bit must be cleared to 0 only after all the PPBs are configured
to the desired settings.
In Persistent Protection mode, the PPB Lock is set to 1 during POR or a hardware reset. When cleared, no software command
sequence can set the PPB Lock, only another hardware reset or power-up can set the PPB Lock bit.
In the Password Protection mode, the PPB Lock is cleared to 0 during POR or a hardware reset. The PPB Lock can only set to 1 by
the Password Unlock command sequence. The PPB Lock can be cleared by the PPB Lock Bit Clear command.
3.4.4
Persistent Protection Bits (PPB)
The Persistent Protection Bits (PPB) are located in a separate nonvolatile flash array. One of the PPB bits is assigned to each
sector. When a PPB is 0 its related sector is protected from program and erase operations. The PPB are programmed individually
but must be erased as a group, similar to the way individual words may be programmed in the main array but an entire sector must
be erased at the same time. Preprogramming and verification prior to erasure are handled by the EAC.
Programming a PPB bit requires the typical word programming time. During a PPB bit programming operation or PPB bit erasing,
Data polling Status DQ6 Toggle Bit I will toggle until the operation is complete. Erasing all the PPBs requires typical sector erase
time.
If the PPB Lock is 0, the PPB Program or erase commands do not execute and time-out without programming or erasing the PPB.
The protection state of a PPB for a given sector can be verified by executing a PPB Status Read command when entered in the PPB
ASO.
3.4.5
Dynamic Protection Bits (DYB)
Dynamic Protection Bits are volatile and unique for each sector and can be individually modified. DYBs only control protection for
sectors that have their PPBs erased. By issuing the DYB Set or Clear command sequences, the DYB are set to 0 or cleared to 1,
thus placing each sector in the protected or unprotected state respectively, if the PPB for that sector is 1. This feature allows
software to easily protect sectors against inadvertent changes, yet does not prevent the easy removal of protection when changes
are needed.
The DYB can be set to 0 or cleared to 1 as often as needed.


Numéro de pièce similaire - S29GL512T11FHByyx

FabricantNo de pièceFiches techniqueDescription
logo
SPANSION
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
logo
Cypress Semiconductor
S29GL512N CYPRESS-S29GL512N Datasheet
1Mb / 92P
   512, 256, 128 Mbit, 3 V, Page Flash Featuring 110 nm MirrorBit
logo
SPANSION
S29GL512N10FAI010 SPANSION-S29GL512N10FAI010 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI012 SPANSION-S29GL512N10FAI012 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI013 SPANSION-S29GL512N10FAI013 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
More results

Description similaire - S29GL512T11FHByyx

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
logo
Numonyx B.V
SMSXXXAF NUMONYX-SMSXXXAF Datasheet
1Mb / 61P
   64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Cypress Semiconductor
S70FL01GS CYPRESS-S70FL01GS Datasheet
355Kb / 19P
   1 Gbit (128 Mbyte) 3.0V SPI Flash
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
   16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
logo
SPANSION
S25FL512SAGMFI010 SPANSION-S25FL512SAGMFI010 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com