Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S29GL512T10FHAyyx Fiches technique(PDF) 60 Page - Cypress Semiconductor

No de pièce S29GL512T10FHAyyx
Description  1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL512T10FHAyyx Fiches technique(HTML) 60 Page - Cypress Semiconductor

Back Button S29GL512T10FHAyyx Datasheet HTML 56Page - Cypress Semiconductor S29GL512T10FHAyyx Datasheet HTML 57Page - Cypress Semiconductor S29GL512T10FHAyyx Datasheet HTML 58Page - Cypress Semiconductor S29GL512T10FHAyyx Datasheet HTML 59Page - Cypress Semiconductor S29GL512T10FHAyyx Datasheet HTML 60Page - Cypress Semiconductor S29GL512T10FHAyyx Datasheet HTML 61Page - Cypress Semiconductor S29GL512T10FHAyyx Datasheet HTML 62Page - Cypress Semiconductor S29GL512T10FHAyyx Datasheet HTML 63Page - Cypress Semiconductor S29GL512T10FHAyyx Datasheet HTML 64Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 105 page
background image
Document Number: 002-00247 Rev. *G
Page 60 of 105
S29GL01GT, S29GL512T
Hardware Interface
8. Signal Descriptions
8.1
Address and Data Configuration
Address and data are connected in parallel (ADP) via separate signal inputs and I/Os.
8.2
Input/Output Summary
Table 8.1 I/O Summary
Symbol
Type
Description
RESET#
Input
Hardware Reset. At VIL, causes the device to reset control logic to its standby state, ready for reading array data.
CE#
Input
Chip Enable. At VIL, selects the device for data transfer with the host memory controller.
OE#
Input
Output Enable. At VIL, causes outputs to be actively driven. At VIH, causes outputs to be high impedance (High-Z).
WE#
Input
Write Enable. At VIL, indicates data transfer from host to device. At VIH, indicates data transfer is from device to host.
Amax-A0
Input
Address inputs.
A25-A0 for S29GL01GT
A24-A0 for S29GL512T
DQ14-DQ0
Input/Output
Data inputs and outputs
DQ15/A-1
Input/Output
DQ15: Data inputs and outputs
A-1: LSB address input in byte mode
WP#/ACC
Input
Write Protect. At VIL, disables program and erase functions in the lowest or highest address 64-kword (128-kB) sector of
the device. At VIH, the sector is not protected. At VHH, automatically places device in unlock bypass mode. WP# has an
internal pull up; When unconnected WP# is at VIH.
RY/BY#
Output – open drain
Ready/Busy. Indicates whether an Embedded Algorithm is in progress or complete. At VIL, the device is actively engaged
in an Embedded Algorithm such as erasing or programming. At High-Z, the device is ready for read or a new command
write - requires external pull-up resistor to detect the High-Z state. Multiple devices may have their RY/BY# outputs tied
together to detect when all devices are ready.
BYTE#
Input
Selects data bus width. At VIL, the device is in byte configuration and data I/O pins DQ7-DQ0 are active and DQ15/A-1
becomes the LSB address input. At VIH, the device is in word configuration and data I/O pins DQ15-DQ0 are active.
VCC
Power Supply
Core power supply
VIO
Power Supply
Versatile I/O power supply.
VSS
Power Supply
Power supplies ground
NC
No Connect
Not Connected internally. The pin/ball location may be used in Printed Circuit Board (PCB) as part of a routing channel.
RFU
No Connect
Reserved for Future Use. Not currently connected internally but the pin/ball location should be left unconnected and
unused by PCB routing channel for future compatibility. The pin/ball may be used by a signal in the future.
DNU
Reserved
Do Not Use. Reserved for use by Cypress. The pin/ball is connected internally. The input has an internal pull down
resistance to VSS. The pin/ball can be left open or tied to VSS on the PCB.


Numéro de pièce similaire - S29GL512T10FHAyyx

FabricantNo de pièceFiches techniqueDescription
logo
SPANSION
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
logo
Cypress Semiconductor
S29GL512N CYPRESS-S29GL512N Datasheet
1Mb / 92P
   512, 256, 128 Mbit, 3 V, Page Flash Featuring 110 nm MirrorBit
logo
SPANSION
S29GL512N10FAI010 SPANSION-S29GL512N10FAI010 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI012 SPANSION-S29GL512N10FAI012 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI013 SPANSION-S29GL512N10FAI013 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
More results

Description similaire - S29GL512T10FHAyyx

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
logo
Numonyx B.V
SMSXXXAF NUMONYX-SMSXXXAF Datasheet
1Mb / 61P
   64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Cypress Semiconductor
S70FL01GS CYPRESS-S70FL01GS Datasheet
355Kb / 19P
   1 Gbit (128 Mbyte) 3.0V SPI Flash
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
   16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
logo
SPANSION
S25FL512SAGMFI010 SPANSION-S25FL512SAGMFI010 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com