Moteur de recherche de fiches techniques de composants électroniques |
|
S29GL512T11FHIyyx Fiches technique(PDF) 68 Page - Cypress Semiconductor |
|
S29GL512T11FHIyyx Fiches technique(HTML) 68 Page - Cypress Semiconductor |
68 / 105 page Document Number: 002-00247 Rev. *G Page 68 of 105 S29GL01GT, S29GL512T Figure 10.4 Maximum Positive Overshoot Waveform 10.5 DC Characteristics Notes: 1. ICC active while Embedded Algorithm is in progress. 2. Not 100% tested. 3. Automatic sleep mode enables the lower power mode when addresses remain stable for the specified designated time. 4. VIO = 1.65V to VCC or 2.7V to VCC depending on the model. 5. VCC = 3V and VIO = 3V or 1.8V. When VIO is at 1.8V, I/O pins cannot operate at >1.8V. 6. During power-up there are spikes of current demand, the system needs to be able to supply this current to insure the part initializes correctly. 7. If an embedded operation is in progress at the start of reset, the current consumption will remain at the embedded operation specification until the embedded operation is stopped by the reset. If no embedded operation is in progress when reset is started, or following the stopping of an embedded operation, ICC5 will be drawn during the remainder of tRPH. After the end of tRPH the device will go to standby mode until the next read or write. 8. The recommended pull-up resistor for RY/BY# output is 5k to 10k ohms. Table 10.4 DC Characteristics ( 40°C to +85°C) Parameter Description Test Conditions Min Typ (Note 2) Max Unit ILI Input Load Current VIN = VSS to VCC, VCC = VCC max All others ±0.02 ±1.0 µA WP#, BYTE# ±0.5 ±2.0 ILO Output Leakage Current VOUT = VSS to VCC, VCC = VCC max ±0.02 ±1.0 µA ICC1 VCC Active Read Current CE# = VIL, OE# = VIH, Address switching@ 5 MHz, VCC = VCC max 55 60 mA ICC2 VCC Intra-Page Read Current CE# = VIL, OE# = VIH, Address switching@ 33 MHz, VCC = VCC max 925 mA ICC3 VCC Active Erase/Program Current (1) (2) CE# = VIL, OE# = VIH, VCC = VCC max 45 100 mA ICC4 VCC Standby Current CE#, RESET#, OE# = VIH, VIH = VIO VIL = VSS, VCC = VCC max 70 100 µA ICC5 VCC Reset Current (2) (7) CE# = VIH, RESET# = VIL, VCC = VCC max 10 20 mA ICC6 Automatic Sleep Mode (3) VIH = VIO, VIL = VSS VCC = VCC max, tACC + 30 ns 36 mA VIH = VIO, VIL = VSS, VCC = VCC max, tASSB 100 150 µA ICC7 VCC Current during power up (2) (6) RESET# = VIO, CE# = VIO, OE# = VIO, VCC = VCC max, 53 80 mA VIL Input Low Voltage (4) -0.5 0.3 x VIO V VIH Input High Voltage (4) 0.7 x VIO VIO + 0.4 V VHH Voltage for ACC Program Acceleration VCC = 2.7 - 3.6 V 11.5 12.5 V VOL Output Low Voltage (4) (8) IOL = 100 µA for DQ15-DQ0; IOL = 2 mA for RY/BY# 0.15 x VIO V VOH Output High Voltage (4) IOH = 100 µA 0.85 x VIO V VLKO Low VCC Lock-Out Voltage(2) 2.25 2.5 V VRST Low VCC Power on Reset Voltage (2) 1.0 V 20 ns 20 ns 20 ns VIO + 2.0 V V max IH V min IH |
Numéro de pièce similaire - S29GL512T11FHIyyx |
|
Description similaire - S29GL512T11FHIyyx |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |