Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S29GL512T11FHIyyx Fiches technique(PDF) 34 Page - Cypress Semiconductor

No de pièce S29GL512T11FHIyyx
Description  1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL512T11FHIyyx Fiches technique(HTML) 34 Page - Cypress Semiconductor

Back Button S29GL512T11FHIyyx Datasheet HTML 30Page - Cypress Semiconductor S29GL512T11FHIyyx Datasheet HTML 31Page - Cypress Semiconductor S29GL512T11FHIyyx Datasheet HTML 32Page - Cypress Semiconductor S29GL512T11FHIyyx Datasheet HTML 33Page - Cypress Semiconductor S29GL512T11FHIyyx Datasheet HTML 34Page - Cypress Semiconductor S29GL512T11FHIyyx Datasheet HTML 35Page - Cypress Semiconductor S29GL512T11FHIyyx Datasheet HTML 36Page - Cypress Semiconductor S29GL512T11FHIyyx Datasheet HTML 37Page - Cypress Semiconductor S29GL512T11FHIyyx Datasheet HTML 38Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 105 page
background image
Document Number: 002-00247 Rev. *G
Page 34 of 105
S29GL01GT, S29GL512T
5.4.9.6
Password ASO
The system can access the Password ASO by issuing the Password entry command sequence during Read Mode. This entry
command does not use a sector address from the entry command. The Password appears at word locations 0 to 3 in the device
address space. All other locations in the device address space are undefined.
The Password ASO allows the following activities:
Read Password, using device address location 0 to 3 (if not locked).
Program the Password using a modified Word Programming command.
Unlock the PPB Lock bit with the Password Unlock command.
ASO Exit using legacy Command Set Exit command for backward software compatibility.
ASO Exit using the common exit command for all ASO — alternative for a consistent exit method.
5.4.9.7
PPB ASO
The system can access the PPB ASO by issuing the PPB entry command sequence during Read Mode. This entry command does
not use a sector address from the entry command. The PPB bit for a sector appears in bit 0 of all word locations in the sector.
The PPB ASO allows the following activities:
Read PPB protection status of a sector in bit 0 of any word in the sector.
Program the PPB bit using a modified Word Programming command.
Erase all PPB bits with the PPB erase command.
ASO Exit using legacy Command Set Exit command for backward software compatibility.
ASO Exit using the common exit command for all ASO — alternative for a consistent exit method.
5.4.9.8
PPB Lock ASO
The system can access the PPB Lock ASO by issuing the PPB Lock entry command sequence during Read Mode. This entry
command does not use a sector address from the entry command. The global PPB Lock bit appears in bit 0 of all word locations in
the device.
The PPB Lock ASO allows the following activities:
Read PPB Lock protection status in bit 0 of any word in the device address space.
Set the PPB Lock bit using a modified Word Programming command.
ASO Exit using legacy Command Set Exit command for backward software compatibility.
ASO Exit using the common exit command for all ASO — alternative for a consistent exit method.
5.4.9.9
DYB ASO
The system can access the DYB ASO by issuing the DYB entry command sequence during Read Mode. This entry command does
not use a sector address from the entry command. The DYB bit for a sector appears in bit 0 of all word locations in the sector.
The DYB ASO allows the following activities:
Read DYB protection status of a sector in bit 0 of any word in the sector.
Set the DYB bit using a modified Word Programming command.
Clear the DYB bit using a modified Word Programming command.
ASO Exit using legacy Command Set Exit command for backward software compatibility.
ASO Exit using the common exit command for all ASO — alternative for a consistent exit method.


Numéro de pièce similaire - S29GL512T11FHIyyx

FabricantNo de pièceFiches techniqueDescription
logo
SPANSION
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
logo
Cypress Semiconductor
S29GL512N CYPRESS-S29GL512N Datasheet
1Mb / 92P
   512, 256, 128 Mbit, 3 V, Page Flash Featuring 110 nm MirrorBit
logo
SPANSION
S29GL512N10FAI010 SPANSION-S29GL512N10FAI010 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI012 SPANSION-S29GL512N10FAI012 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI013 SPANSION-S29GL512N10FAI013 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
More results

Description similaire - S29GL512T11FHIyyx

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
logo
Numonyx B.V
SMSXXXAF NUMONYX-SMSXXXAF Datasheet
1Mb / 61P
   64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Cypress Semiconductor
S70FL01GS CYPRESS-S70FL01GS Datasheet
355Kb / 19P
   1 Gbit (128 Mbyte) 3.0V SPI Flash
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
   16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
logo
SPANSION
S25FL512SAGMFI010 SPANSION-S25FL512SAGMFI010 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com