Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S29GL512T11DHIyyx Fiches technique(PDF) 12 Page - Cypress Semiconductor

No de pièce S29GL512T11DHIyyx
Description  1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL512T11DHIyyx Fiches technique(HTML) 12 Page - Cypress Semiconductor

Back Button S29GL512T11DHIyyx Datasheet HTML 8Page - Cypress Semiconductor S29GL512T11DHIyyx Datasheet HTML 9Page - Cypress Semiconductor S29GL512T11DHIyyx Datasheet HTML 10Page - Cypress Semiconductor S29GL512T11DHIyyx Datasheet HTML 11Page - Cypress Semiconductor S29GL512T11DHIyyx Datasheet HTML 12Page - Cypress Semiconductor S29GL512T11DHIyyx Datasheet HTML 13Page - Cypress Semiconductor S29GL512T11DHIyyx Datasheet HTML 14Page - Cypress Semiconductor S29GL512T11DHIyyx Datasheet HTML 15Page - Cypress Semiconductor S29GL512T11DHIyyx Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 105 page
background image
Document Number: 002-00247 Rev. *G
Page 12 of 105
S29GL01GT, S29GL512T
3.
Data Protection
The device offers several features to prevent malicious or accidental modification of any sector via hardware means.
3.1
Device Protection Methods
3.1.1
Power-Up Write Inhibit
RESET#, CE#, WE#, and, OE# are ignored during Power-On Reset (POR). During POR, the device can not be selected, will not
accept commands on the rising edge of WE#, and does not drive outputs. The Host Interface Controller (HIC) and Embedded
Algorithm Controller (EAC) are reset to their standby states, ready for reading array data, during POR. CE# or OE# must go to VIH
before the end of POR (tVCS).
At the end of POR the device conditions are:
all internal configuration information is loaded,
the device is in read mode,
the Status Register is at default value,
all bits in the DYB ASO are set to un-protect all sectors,
the Write Buffer is loaded with all 1’s,
the EAC is in the standby state.
3.1.2
Low VCC Write Inhibit
When VCC is less than VLKO, the HIC does not accept any write cycles and the EAC resets. This protects data during VCC power-up
and power-down. The system must provide the proper signals to the control pins to prevent unintentional writes when VCC is greater
than VLKO.
3.2
Command Protection
Embedded Algorithms are initiated by writing command sequences into the EAC command memory. The command memory array is
not readable by the host system and has no ASO. Each host interface write is a command or part of a command sequence to the
device. The EAC examines the address and data in each write transfer to determine if the write is part of a legal command
sequence. When a legal command sequence is complete the EAC will initiate the appropriate EA.
Writing incorrect address or data values, or writing them in an improper sequence, will generally result in the EAC returning to its
Standby state. However, such an improper command sequence may place the device in an unknown state, in which case the
system must write the reset command, or possibly provide a hardware reset by driving the RESET# signal Low, to return the EAC to
its Standby state, ready for random read.
The address provided in each write may contain a bit pattern used to help identify the write as a command to the device. The upper
portion of the address may also select the sector address on which the command operation is to be performed. The Sector Address
(SA) includes Amax through A16 flash address bits (system byte address signals Amax through A16). A command bit pattern is
located in A10 to A0 flash address bits (system byte address signals A11 through A1).
The data in each write may be: a bit pattern used to help identify the write as a command, a code that identifies the command
operation to be performed, or supply information needed to perform the operation. See Table 7.1 on page 48 for a listing of all
commands accepted by the device.
3.3
Secure Silicon Region (OTP)
See Section 2.5, Secure Silicon Region ASO on page 9 for a description of the secure silicon region. See Section 5.4.9.3, Secure
Silicon Region ASO on page 33 for a description of the allowed commands.


Numéro de pièce similaire - S29GL512T11DHIyyx

FabricantNo de pièceFiches techniqueDescription
logo
SPANSION
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
logo
Cypress Semiconductor
S29GL512N CYPRESS-S29GL512N Datasheet
1Mb / 92P
   512, 256, 128 Mbit, 3 V, Page Flash Featuring 110 nm MirrorBit
logo
SPANSION
S29GL512N10FAI010 SPANSION-S29GL512N10FAI010 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI012 SPANSION-S29GL512N10FAI012 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI013 SPANSION-S29GL512N10FAI013 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
More results

Description similaire - S29GL512T11DHIyyx

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
logo
Numonyx B.V
SMSXXXAF NUMONYX-SMSXXXAF Datasheet
1Mb / 61P
   64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Cypress Semiconductor
S70FL01GS CYPRESS-S70FL01GS Datasheet
355Kb / 19P
   1 Gbit (128 Mbyte) 3.0V SPI Flash
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
   16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
logo
SPANSION
S25FL512SAGMFI010 SPANSION-S25FL512SAGMFI010 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com