Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S29GL512T10TFIyyx Fiches technique(PDF) 28 Page - Cypress Semiconductor

No de pièce S29GL512T10TFIyyx
Description  1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL512T10TFIyyx Fiches technique(HTML) 28 Page - Cypress Semiconductor

Back Button S29GL512T10TFIyyx Datasheet HTML 24Page - Cypress Semiconductor S29GL512T10TFIyyx Datasheet HTML 25Page - Cypress Semiconductor S29GL512T10TFIyyx Datasheet HTML 26Page - Cypress Semiconductor S29GL512T10TFIyyx Datasheet HTML 27Page - Cypress Semiconductor S29GL512T10TFIyyx Datasheet HTML 28Page - Cypress Semiconductor S29GL512T10TFIyyx Datasheet HTML 29Page - Cypress Semiconductor S29GL512T10TFIyyx Datasheet HTML 30Page - Cypress Semiconductor S29GL512T10TFIyyx Datasheet HTML 31Page - Cypress Semiconductor S29GL512T10TFIyyx Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 105 page
background image
Document Number: 002-00247 Rev. *G
Page 28 of 105
S29GL01GT, S29GL512T
/* Example: Unlock Bypass Entry Command */
*( (UINT16 *)base_addr + 0x555 ) = 0x00AA; /* write unlock cycle 1 */
*( (UINT16 *)base_addr + 0x2AA ) = 0x0055; /* write unlock cycle 2 */
*( (UINT16 *)base_addr + 0x555 ) = 0x0020; /* write unlock bypass command */
/* At this point, programming only takes two write cycles. */
/* Once you enter Unlock Bypass Mode, do a series of like */
/* operations (programming or sector erase) and then exit */
/* Unlock Bypass Mode before beginning a different type of */
/* operations. */
/* Example: Unlock Bypass Program Command */
/* Do while in Unlock Bypass Entry Mode! */
*( (UINT16 *)base_addr ) = 0x00A0; /* write program setup command */
*( (UINT16 *)pa ) = data; /* write data to be programmed */
/* Poll until done or error. */
/* If done and more to program, */
/* do above two cycles again. */
/* Example: Unlock Bypass Exit Command */
*( (UINT16 *)base_addr ) = 0x0090;
*( (UINT16 *)base_addr ) = 0x0000;
5.4.5
Evaluate Erase Status
The Evaluate Erase Status (EES) command verifies that the last erase operation on the addressed sector was completed
successfully (i.e. “Trust Worthy”). The EES command can be used to detect erase operations failed due to loss of power, reset, or
failure during the erase operation.
To initiate a EES on a Sector, write 35h to address 555h in the Sector, while the EAC is in the standby state.
The EES command may not be written while the device is actively programming or erasing or suspended.
The EES command does not allow for reads to the array during the operation.
Use the Status Register or Polling method (only DQ6 toggles) to determine if the device is busy or completed. Once completed use
the Status Register read to confirm if the sector is trust worthy or not. Bit 5 of the Status Register (SR[5]) will be cleared to 0 if the
sector is trust worthy. If the sector is not trust worthy than SR[5] will be set to 1, RD/BY# will stay low, and either a Software Reset /
ASO Exit command or a Status Register Clear command is required to return the device to the Standby State.
Once the EES is completed, the EAC will return to the Standby State.
The EES command requires tEES to complete and update the erase status in SR. The DRB bit (SR[7]) may be read to determine
when the EES command is finished. If a sector is found not erased with SR[5]=1, the sector must be erased again to ensure reliable
storage of data in the sector.
Table 5.3 Unlock Bypass Program (LLD Function = lld_UnlockBypassProgramCmd)
Cycle
Description
Operation
Byte Address
Word Adddress
Data
1
Program Setup
Write
Base + XXXh
Base + XXXh
00A0h
2
Program Command
Write
Program Address
Program Address
Program Data
Table 5.4 Unlock Bypass Reset (LLD Function = lld_UnlockBypassResetCmd)
Cycle
Description
Operation
Byte Address
Word Adddress
Data
1
Reset Cycle 1
Write
Base + XXXh
Base + XXXh
0090h
2
Reset Cycle 2
Write
Program Address
Program Address
0000h


Numéro de pièce similaire - S29GL512T10TFIyyx

FabricantNo de pièceFiches techniqueDescription
logo
SPANSION
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
logo
Cypress Semiconductor
S29GL512N CYPRESS-S29GL512N Datasheet
1Mb / 92P
   512, 256, 128 Mbit, 3 V, Page Flash Featuring 110 nm MirrorBit
logo
SPANSION
S29GL512N10FAI010 SPANSION-S29GL512N10FAI010 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI012 SPANSION-S29GL512N10FAI012 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI013 SPANSION-S29GL512N10FAI013 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
More results

Description similaire - S29GL512T10TFIyyx

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
logo
Numonyx B.V
SMSXXXAF NUMONYX-SMSXXXAF Datasheet
1Mb / 61P
   64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Cypress Semiconductor
S70FL01GS CYPRESS-S70FL01GS Datasheet
355Kb / 19P
   1 Gbit (128 Mbyte) 3.0V SPI Flash
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
   16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
logo
SPANSION
S25FL512SAGMFI010 SPANSION-S25FL512SAGMFI010 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com