Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


S29GL01GT13TFNyyxx Datasheet(Fiches technique) 32 Page - Cypress Semiconductor

Numéro de pièce S29GL01GT13TFNyyxx
Description  1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
Télécharger  105 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo 

 32 page
background image
Document Number: 002-00247 Rev. *G
Page 32 of 105
S29GL01GT, S29GL512T
5.4.8
Erase Suspend / Erase Resume
The Erase Suspend command allows the system to interrupt a sector erase operation and then read data from, or program data to,
the main flash array. This command is valid only during sector erase or program operation. The Erase Suspend command is ignored
if written during the chip erase operation.
When the Erase Suspend command is written during the sector erase operation, the device requires a maximum of tESL (erase
suspend latency) to suspend the erase operation and update the status bits.
After the erase operation has been suspended, the part enters the erase-suspend mode. The system can read data from or program
data to the main flash array. Reading at any address within erase-suspended sectors produces undetermined data. The system can
determine if a sector is actively erasing or is erase-suspended by reading the Status Register or using Data Polling. Refer to Status
Register on page 36 for information on these status bits. Refer to Data Polling Status on page 37 for more information.
After an erase-suspended program operation is complete, the EAC returns to the erase-suspend state. The system can determine
the status of the program operation by reading the Status Register, just as in the standard program operation.
If a program failure occurs during erase suspend the Status Register Clear or Soft Reset commands will return the device to the
erase suspended state. Erase will need to be resumed and completed before again trying to program the memory array.
Accesses and commands that are valid during Erase Suspend are:
Read to any other non-suspended sector
Program to any other non-suspended sector
Status Register Read
Status Register Clear
Erase Resume command
To resume the sector erase operation, the system must write the Erase Resume command. The device will revert to erasing and the
status bits will be updated. Further writes of the Resume command are ignored. Another Erase Suspend command can be written
after the chip has resumed erasing.
Erase suspend and resume is not supported while entered in an ASO.
5.4.9
ASO Entry and Exit
5.4.9.1
ID-CFI ASO
The system can access the ID-CFI ASO by issuing the ID-CFI Entry command sequence during Read Mode. See the detail
description Table 7.3 on page 55.
The ID-CFI ASO allows the following activities:
Read ID-CFI ASO, using the same SA as used in the entry command.
Read Sector Protection State at Sector Address (SA) + 2h. Location 2h provides volatile information on the current state of sector
protection for the sector addressed. Bit 0 of the word at location 2h shows the logical NAND of the PPB and DYB bits related to
the addressed sector such that if the sector is protected by either the PPB=0 or the DYB=0 bit for that sector the state shown is
protected. (1= Sector protected, 0= Sector unprotected.)
ASO Exit.
The following is a C source code example of using the CFI Entry and Exit functions. Refer to the Cypress Low Level Driver User's
Guide for general information on Cypress flash memory software development guidelines.
/* Example: CFI Entry command */
*( (UINT16 *)base_addr + 0x55 ) = 0x0098; /* write CFI entry command */
/* Example: CFI Exit command */
*( (UINT16 *)base_addr + 0x000 ) = 0x00F0; /* write cfi exit command */




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl