Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


S29GL01GT13TFNyyxx Datasheet(Fiches technique) 80 Page - Cypress Semiconductor

Numéro de pièce S29GL01GT13TFNyyxx
Description  1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
Télécharger  105 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo 

 80 page
background image
Document Number: 002-00247 Rev. *G
Page 80 of 105
S29GL01GT, S29GL512T
Note:
1. Not 100% tested.
Table 11.8 Read Operation VIO = 1.65 V to VCC, VCC = 2.7 V to 3.6 V (–40 °C to +125 °C)
Parameter
Description
Test Setup
Speed
Option
Unit
JEDEC
Std
130
tAVAV
tRC
Read Cycle Time (Note 1)
CE# = VIL
OE# = VIL
512 Mb, 1 Gb
Min
130
ns
tAVQV
tACC
Address to Output Delay
OE# = VIL
512 Mb, 1 Gb
Max
130
ns
tELQV
tCE
Chip Enable to Output Delay
512 Mb, 1 Gb
Max
130
ns
tPACC
Page Access Time
512 Mb, 1 Gb
Max
20
ns
tGLQV
tOE
Output Enable to Output Delay
Read
Max
25
ns
Poll
Max
35
ns
tAXQX
tOH
Output Hold time from Addresses, CE# or OE#, whichever
occurs first
Min
0
ns
tEHQZ
tDF
Chip Enable or Output Enable to Output High-Z (Note 1)
Max
15
ns
tOEH
Output Enable Hold Time (Note 1)
Read
Min
0
ns
Poll
Min
10
ns
tASO
Address Setup Time
Poll
Min
15
ns
tASH
Address Hold Time
Poll
Min
0
ns
tCEPH
CE# High
Poll
Min
20
ns
tOEP
OE# Low
Poll
Min
25
ns
tOEPH
OE# High
Poll
Min
20
ns
tOEC
OE# Cycle Time
Poll
Min
60
ns
tASSB
Automatic Sleep to Standby time (Note 1)
CE# = VIL,
Address stable
Typ
5
μs
Max
8
μs
tBLEL
tFLEL
BYTE# Low to CE# Low
Min
10
ns
tBHEL
tFHEL
BYTE# High to CE# Low
Min
10
ns
tBLQV
tFLQV
BYTE# Low to Output High-Z (Note 1)
Max
1
μs
tBHQV
tFHQV
BYTE# High to Output Delay
Max
1
μs




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl