Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


S29GL01GT13TFNyyxx Datasheet(Fiches technique) 53 Page - Cypress Semiconductor

Numéro de pièce S29GL01GT13TFNyyxx
Description  1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
Télécharger  105 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo 

 53 page
background image
Document Number: 002-00247 Rev. *G
Page 53 of 105
S29GL01GT, S29GL512T
Legend:
X = Don't care.
RA = Address of the memory to be read.
RD = Data read from location RA during read operation.
PA = Address of the memory location to be programmed.
PD = Data to be programmed at location PA.
SA = Address of the sector selected. Address bits Amax-A16 uniquely select any sector.
WBL = Write Buffer Location. The address must be within the same Line.
WC = Word Count is the number of write buffer locations to load minus 1.
PWAx = PPB Password address for byte0 = 00h, byte1 = 01h, byte2 = 02h, byte3 = 03h, byte04= 04h, byte5 = 05h, byte6 = 06h, and byte7 = 07h.
SSR3 Password address for byte0 = 20h, byte1 = 21h, byte2 = 22h, byte3 = 23h, byte04= 24h, byte5 = 25h, byte6 = 26h, and byte7 = 27h.
PWDx = Password data byte0, byte1, byte2, byte3, byte4, byte5, byte6, and byte7
Gray vs. White Box = Read vs. Write Operation.
Notes:
1. See Table 9.1, Interface States on page 62 for description of bus operations.
2. All values are in hexadecimal.
Non-Volatile Sector Protection Command Set Definitions
PPB Entry
3
AAA
AA
555
55
AAA
C0
PPB Program (Note 18)
2
XXX
A0
SA
0
All PPB Erase (Note 18)
2XXX
80
0
30
PPB Read (Note 18)
1
SA
RD (0)
Command Set Exit
(Notes 13, 17)
2
XXX
90
XXX
0
Reset/ASO Exit
(Notes 6, 17)
1XXX
F0
Global Non-Volatile Sector Protection Freeze Command Set Definitions
PPB Lock Entry
3
AAA
AA
555
55
AAA
50
PPB Lock Bit Cleared
2
XXX
A0
XXX
0
PPB Lock Status Read
(Note 18)
1
XXX
RD (0)
Command Set Exit
(Notes 13, 17)
2
XXX
90
XXX
0
Reset/ASO Exit (Note 17)
1XXX
F0
Volatile Sector Protection Command Set Definitions
DYB ASO Entry
3
AAA
AA
555
55
AAA
E0
DYB Set (Note 18)
2
XXX
A0
SA
0
DYB Clear (Note 18)
2
XXX
A0
SA
1
DYB Status Read (Note 18)
1
SA
RD (0)
Command Set Exit
(Notes 13, 17)
2
XXX
90
XXX
0
Reset/ASO Exit (Note 17)
1XXX
F0
ECC Command Set Definitions
ECC ASO Entry
3
AAA
AA
555
55
AAA
75
ECC Status Read
1
RA
RD
Command Set Exit
(Notes 14, 18)
2
XXX
F0
Table 7.2 Command Definitions x8 (Continued)
Command Sequence
(Note 1)
Bus Cycles (Notes 2-5)
First
Second
Third
Fourth
Fifth
Sixth
Seventh
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl