Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S34ML01G2 Fiches technique(PDF) 7 Page - Cypress Semiconductor

No de pièce S34ML01G2
Description  1 Gb, 2 Gb, 4 Gb, 3 V, 4-bit ECC, SLC NAND Flash Memory for Embedded
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S34ML01G2 Fiches technique(HTML) 7 Page - Cypress Semiconductor

Back Button S34ML01G2 Datasheet HTML 3Page - Cypress Semiconductor S34ML01G2 Datasheet HTML 4Page - Cypress Semiconductor S34ML01G2 Datasheet HTML 5Page - Cypress Semiconductor S34ML01G2 Datasheet HTML 6Page - Cypress Semiconductor S34ML01G2 Datasheet HTML 7Page - Cypress Semiconductor S34ML01G2 Datasheet HTML 8Page - Cypress Semiconductor S34ML01G2 Datasheet HTML 9Page - Cypress Semiconductor S34ML01G2 Datasheet HTML 10Page - Cypress Semiconductor S34ML01G2 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
S34ML01G2
S34ML02G2
S34ML04G2
Document Number: 002-00499 Rev. *N
Page 7 of 76
Figure 1.5 67-BGA Contact (Balls Down, Top View)
1.3
Pin Description
Notes:
1. A 0.1 µF capacitor should be connected between the VCC Supply Voltage pin and the VSS Ground pin to decouple the current surges from the power supply. The PCB
track widths must be sufficient to carry the currents required during program and erase operations.
2. An internal voltage detector disables all functions whenever VCC is below 1.8V to protect the device from any involuntary program/erase during power transitions.
Table 1.2 Pin Description
Pin Name
Description
I/O0 - I/O7 (×8)
Inputs/Outputs. The I/O pins are used for command input, address input, data input, and data output. The
I/O pins float to High-Z when the device is deselected or the outputs are disabled.
I/O8 - I/O15 (×16)
CLE
Command Latch Enable. This input activates the latching of the I/O inputs inside the Command Register on the
rising edge of Write Enable (WE#).
ALE
Address Latch Enable. This input activates the latching of the I/O inputs inside the Address Register on the rising
edge of Write Enable (WE#).
CE#
Chip Enable. This input controls the selection of the device. When the device is not busy CE# low selects the
memory.
WE#
Write Enable. This input latches Command, Address and Data. The I/O inputs are latched on the rising edge of
WE#.
RE#
Read Enable. The RE# input is the serial data-out control, and when active drives the data onto the I/O bus. Data is
valid tREA after the falling edge of RE# which also increments the internal column address counter by one.
WP#
Write Protect. The WP# pin, when low, provides hardware protection against undesired data modification
(program / erase).
R/B#
Ready Busy. The Ready/Busy output is an Open Drain pin that signals the state of the memory.
VCC
Supply Voltage. The VCC supplies the power for all the operations (Read, Program, Erase). An internal lock circuit
prevents the insertion of Commands when VCC is less than VLKO.
VSS
Ground.
NC
Not Connected.
D2
D3
D4
D5
D6
C1
C2
C3
C4
C5
C6
B1
B2
B3
B4
B5
B6
A2
A3
A6
NC
NC
NC
WE#
CE#
VSS
ALE
WP#
NC
NC
NC
CLE
RE#
NC
NC
E2
E3
E4
E5
E6
NC
NC
NC
NC
NC
F2
F3
F4
F5
F6
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
G2
G3
G4
G5
G6
NC
NC
NC
I/O0
NC
H1
H2
H3
H4
H5
H6
I/O5
VCC
NC
I/O1
NC
NC
J1
J2
J3
J4
J5
J6
I/O6
I/O4
I/O3
I/O2
VSS
NC
K1
K2
K3
K6
NC
NC
NC
NC
D7
C7
C8
B7
B8
A7
A8
NC
NC
NC
RY/BY#
NC
NC
E7
NC
F7
NC
NC
G7
VCC
H7
H8
NC
I/O7
J7
J8
NC
VSS
K7
K8
NC
NC


Numéro de pièce similaire - S34ML01G2

FabricantNo de pièceFiches techniqueDescription
logo
SPANSION
S34ML01G2 SPANSION-S34ML01G2 Datasheet
2Mb / 68P
   1 Gb, 2 Gb, 4 Gb Densities: 4-bit ECC, x8 I/O and 3V VCC
S34ML01G200TFI000 SPANSION-S34ML01G200TFI000 Datasheet
2Mb / 68P
   1 Gb, 2 Gb, 4 Gb Densities: 4-bit ECC, x8 I/O and 3V VCC
More results

Description similaire - S34ML01G2

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
S34ML01G1 CYPRESS-S34ML01G1 Datasheet
1Mb / 71P
   1 Gb/2 Gb/4 Gb, 3 V, SLC NAND Flash for Embedded
S34ML08G1 CYPRESS-S34ML08G1 Datasheet
865Kb / 20P
   8 Gb, 1-bit ECC, x8 I/O, 3 V, VCC NAND Flash Memory for Embedded
S34ML08G2 CYPRESS-S34ML08G2 Datasheet
529Kb / 16P
   8 Gb, 4-bit ECC, x8 I/O and 3 V VCC NAND Flash Memory for Embedded
S34MS08G2 CYPRESS-S34MS08G2 Datasheet
403Kb / 17P
   8 Gb, 4-Bit ECC, x8 I/O and 1.8 V VCC NAND Flash Memory for Embedded
logo
SPANSION
S34ML01G200TFI000 SPANSION-S34ML01G200TFI000 Datasheet
2Mb / 68P
   1 Gb, 2 Gb, 4 Gb Densities: 4-bit ECC, x8 I/O and 3V VCC
logo
Cypress Semiconductor
S34MS16G2 CYPRESS-S34MS16G2 Datasheet
647Kb / 17P
   16 Gb, 4-Bit ECC, 횞8 I/O, and 1.8 V VCC NAND Flash for Embedded
logo
PHOENIX CONTACT
2400335 PHOENIX-2400335 Datasheet
43Kb / 2P
   Memory - VL2 4 GB SLC SSD SATA KIT
logo
Cypress Semiconductor
S34MS01G2 CYPRESS-S34MS01G2 Datasheet
2Mb / 74P
   1 Gbit/2 Gbit/4 Gbit SLC NAND Flash for Embedded
logo
PHOENIX CONTACT
2913199 PHOENIX-2913199 Datasheet
45Kb / 2P
   Memory - VL 16 GB SSD (SLC) KIT
2913200 PHOENIX-2913200 Datasheet
53Kb / 2P
   Memory - VL 32 GB SSD (SLC) KIT
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com