Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


S29GL01GT11FAIyyx Datasheet(Fiches technique) 88 Page - Cypress Semiconductor

Numéro de pièce S29GL01GT11FAIyyx
Description  1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
Télécharger  105 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo 

 88 page
background image
Document Number: 002-00247 Rev. *G
Page 88 of 105
S29GL01GT, S29GL512T
Figure 11.18 Toggle Bit Timing Diagram (During Embedded Algorithms)
Note:
1. DQ6 will toggle at any read address while the device is busy. DQ2 will toggle if the address is within the actively erasing sector.
Figure 11.19 DQ2 vs. DQ6 Relationship Diagram
Note:
1. The system may use OE# or CE# to toggle DQ2 and DQ6. DQ2 toggles only when read at an address within the erase-suspended sector.
11.4.3 Alternate CE# Controlled Write Operations
Table 11.11 Alternate CE# Controlled Write Operations
Parameter
Description
VIO = 2.7V
to VCC
VIO = 1.65V to
VCC
Unit
JEDEC
Std
tAVAV
tWC
Write Cycle Time (Note 1)
Min
60
ns
tAVWL
tAS
Address Setup Time
Min
0
ns
tASO
Address Setup Time to OE# Low during toggle bit polling
Min
15
ns
tWLAX
tAH
Address Hold Time
Min
45
ns
tAHT
Address Hold Time From CE# or OE# High during toggle bit polling
Min
0
ns
tDVWH
tDS
Data Setup Time
Min
30
ns
tWHDX
tDH
Data Hold Time
Min
0
ns
tCEPH
CE# High during toggle bit polling
Min
20
ns
t0EPH
OE# High during toggle bit polling
Min
20
ns
tGHEK
tGHEL
Read Recovery Time Before Write
(OE# High to WE# Low)
Min
0
ns
tWLEL
tWS
WE# Setup Time
Min
0
ns
OE#
CE#
WE#
Addresses
tOEH
tDH
tAHT
tASO
tOEPH
tOE
Valid Data
(first read)
(second read)
(stops toggling)
tCEPH
tAHT
tAS
DQ2 and DQ6
Valid Data
Valid
Status
Valid
Status
Valid
Status
RY/BY#
Enter
Erase
Erase
Erase
Enter Erase
Suspend Program
Erase Suspend
Read
Erase Suspend
Read
Erase
WE#
DQ6
DQ2
Erase
Complete
Erase
Suspend
Suspend
Program
Resume
Embedded
Erasing




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl