Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S29GL01GT11FAIyyx Fiches technique(PDF) 62 Page - Cypress Semiconductor

No de pièce S29GL01GT11FAIyyx
Description  1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GT11FAIyyx Fiches technique(HTML) 62 Page - Cypress Semiconductor

Back Button S29GL01GT11FAIyyx Datasheet HTML 58Page - Cypress Semiconductor S29GL01GT11FAIyyx Datasheet HTML 59Page - Cypress Semiconductor S29GL01GT11FAIyyx Datasheet HTML 60Page - Cypress Semiconductor S29GL01GT11FAIyyx Datasheet HTML 61Page - Cypress Semiconductor S29GL01GT11FAIyyx Datasheet HTML 62Page - Cypress Semiconductor S29GL01GT11FAIyyx Datasheet HTML 63Page - Cypress Semiconductor S29GL01GT11FAIyyx Datasheet HTML 64Page - Cypress Semiconductor S29GL01GT11FAIyyx Datasheet HTML 65Page - Cypress Semiconductor S29GL01GT11FAIyyx Datasheet HTML 66Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 105 page
background image
Document Number: 002-00247 Rev. *G
Page 62 of 105
S29GL01GT, S29GL512T
9.
Signal Protocols
The following sections describe the host system interface signal behavior and timing for the 29GL-T family flash devices.
9.1
Interface States
Table 9.1 describes the required value of each interface signal for each interface state.
Legend:
L = VIL
H = VIH
X = either VIL or VIH
L/H = rising edge
H/L = falling edge
Valid = all bus signals have stable L or H level
Modified = valid state different from a previous valid state
Available = read data is internally stored with output driver controlled by OE#
Notes:
1. Address are Amax:A0 in word mode; Amax:A-1 in byte mode.
2. WE# and OE# can not be at VIL at the same time.
3. Read with Output Disable is a read initiated with OE# High.
4. Automatic Sleep is a read/write operation where data has been driven on the bus for an extended period, without CE# going High and the
device internal logic has gone into standby mode to conserve power.
5. If WP# = VIL, on the outermost sector remains protected. If WP# = VIH, the outermost sector is unprotected. WP# has an internal pull-up; when
unconnected, WP# is at VIH.
6. VIL = VSS and VIH = VIO.
Table 9.1 Interface States
Interface State
VCC
VIO
RESET#
CE#
OE#
WE#
BYTE#
(Note 6)
WP#/
ACC
Amax-A0
(Note 1)
DQ0-DQ7
DQ8-DQ15
BYTE# = VIH
BYTE = VIL
Power-Off with
Hardware Data
Protection
< VLKO
 VCC
XX
X
X
L or H
X
X
High-Z
High-Z
High-Z
Power-On (Cold) Reset
 VCC min
 VIO min
 VCC
XX
X
X
L or H
X
X
High-Z
High-Z
High-Z
Hardware (Warm)
Reset
 VCC min
 VIO min
 VCC
LX
X
X
L or H
X
X
High-Z
High-Z
High-Z
Interface Standby
 VCC min
 VIO min
 VCC
HH
X
X
L or H
H
X
High-Z
High-Z
High-Z
Automatic Sleep
(Notes 2, 4)
 VCC min
 VIO min
 VCC
HL
X
X
L or H
H
Valid
Output
Available
Output
Available
DQ8-DQ14 =
High-Z,
DQ15 = A-1
Read with Output
Disable (Note 3)
 VCC min
 VIO min
 VCC
HL
H
H
L or H
X
Valid
High-Z
High-Z
High-Z
Random Read
 VCC min  VIO min
H
L
L
H
X
Valid
Output
Valid
Output Valid
DQ8-DQ14 =
High-Z,
DQ15 = A-1
Page Read
 VCC min
 VIO min
 VCC
HL
L
H
L or H
X
Amax-A4
Valid
A3-A0 (or
A3-A-1)
Modified
Output
Valid
Output Valid
DQ8-DQ14 =
High-Z,
DQ15 = A-1
Write
 VCC min
 VIO min
 VCC
HL
H
L
L or H
(Note 5)
Valid
Input Valid
Input Valid
DQ8-DQ14 =
High-Z,
DQ15 = A-1


Numéro de pièce similaire - S29GL01GT11FAIyyx

FabricantNo de pièceFiches techniqueDescription
logo
SPANSION
S29GL01GP SPANSION-S29GL01GP Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP SPANSION-S29GL01GP Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP SPANSION-S29GL01GP Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP SPANSION-S29GL01GP Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP SPANSION-S29GL01GP Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results

Description similaire - S29GL01GT11FAIyyx

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
logo
Numonyx B.V
SMSXXXAF NUMONYX-SMSXXXAF Datasheet
1Mb / 61P
   64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Cypress Semiconductor
S70FL01GS CYPRESS-S70FL01GS Datasheet
355Kb / 19P
   1 Gbit (128 Mbyte) 3.0V SPI Flash
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
   16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
logo
SPANSION
S25FL512SAGMFI010 SPANSION-S25FL512SAGMFI010 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com