Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C4248LQI-BL493 Fiches technique(PDF) 20 Page - Cypress Semiconductor

No de pièce CY8C4248LQI-BL493
Description  Programmable System-on-Chip
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4248LQI-BL493 Fiches technique(HTML) 20 Page - Cypress Semiconductor

Back Button CY8C4248LQI-BL493 Datasheet HTML 16Page - Cypress Semiconductor CY8C4248LQI-BL493 Datasheet HTML 17Page - Cypress Semiconductor CY8C4248LQI-BL493 Datasheet HTML 18Page - Cypress Semiconductor CY8C4248LQI-BL493 Datasheet HTML 19Page - Cypress Semiconductor CY8C4248LQI-BL493 Datasheet HTML 20Page - Cypress Semiconductor CY8C4248LQI-BL493 Datasheet HTML 21Page - Cypress Semiconductor CY8C4248LQI-BL493 Datasheet HTML 22Page - Cypress Semiconductor CY8C4248LQI-BL493 Datasheet HTML 23Page - Cypress Semiconductor CY8C4248LQI-BL493 Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
PRELIMINARY
PSoC® 4: PSoC 4XX8_BLE
Family Datasheet
Document Number: 001-94624 Rev. *K
Page 20 of 47
SID41
IDD31
GPIO and reset active
nA
T = 25 °C
SID42
IDD32
GPIO and reset active
nA
T = –40 °C to 85 °C
Stop Mode, VDD = 1.8 to 3.6 V
SID43
IDD33
Stop mode current (VDD)–
20
nA
T = 25 °C,
VDD = 3.3 V
SID44
IDD34
Stop mode current (VDDR)
40
–-
nA
T = 25 °C,
VDDR = 3.3 V
SID45
IDD35
Stop mode current (VDD)
nA
T = –40 °C to 85 °C
SID46
IDD36
Stop mode current (VDDR)
–––
nA
T = –40 °C to 85 °C,
VDDR = 1.9 V to 3.6 V
Stop Mode, VDD = 3.6 to 5.5 V
SID47
IDD37
Stop mode current (VDD)
–––
nA
T = 25 °C,
VDD = 5 V
SID48
IDD38
Stop mode current (VDDR)
–––
nA
T = 25 °C,
VDDR = 5 V
SID49
IDD39
Stop mode current (VDD)
nA
T = –40 °C to 85 °C
SID50
IDD40
Stop mode current (VDDR)
nA
T = –40 °C to 85 °C
Stop Mode, VDD = 1.71 to 1.89 V (Regulator Bypassed)
SID51
IDD41
Stop mode current (VDD)
–––
nA
T = 25 °C
SID52
IDD42
Stop mode current (VDD)
nA
T = –40 °C to 85 °C
Table 6. DC Specifications (continued)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
Table 7. AC Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID53
FCPU
CPU frequency
DC
48
MHz
1.71 V
VDD 5.5 V
SID54
TSLEEP
Wakeup from Sleep mode
0
µs
Guaranteed by
characterization
SID55
TDEEPSLEEP Wakeup from Deep Sleep mode
25
µs
24-MHz IMO. Guaranteed
by characterization.
SID56
THIBERNATE
Wakeup from Hibernate mode
0.7
ms
Guaranteed by
characterization
SID57
TSTOP
Wakeup from Stop mode
2.2
ms
Guaranteed by
characterization


Numéro de pièce similaire - CY8C4248LQI-BL493

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C4248LQI-BL493 CYPRESS-CY8C4248LQI-BL493 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
CY8C4248LQI-BL493 CYPRESS-CY8C4248LQI-BL493 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
More results

Description similaire - CY8C4248LQI-BL493

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C29466 CYPRESS-CY8C29466_10 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36_10 Datasheet
3Mb / 112P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com