Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S26KS512S Fiches technique(PDF) 28 Page - Cypress Semiconductor

No de pièce S26KS512S
Description  512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S26KS512S Fiches technique(HTML) 28 Page - Cypress Semiconductor

Back Button S26KS512S Datasheet HTML 24Page - Cypress Semiconductor S26KS512S Datasheet HTML 25Page - Cypress Semiconductor S26KS512S Datasheet HTML 26Page - Cypress Semiconductor S26KS512S Datasheet HTML 27Page - Cypress Semiconductor S26KS512S Datasheet HTML 28Page - Cypress Semiconductor S26KS512S Datasheet HTML 29Page - Cypress Semiconductor S26KS512S Datasheet HTML 30Page - Cypress Semiconductor S26KS512S Datasheet HTML 31Page - Cypress Semiconductor S26KS512S Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 98 page
background image
S26KL512S / S26KS512S
S26KL256S / S26KS256S
S26KL128S / S26KS128S
Document Number: 001-99198 Rev. *F
Page 28 of 98
Once the specified number of write buffer locations has been loaded, the system must then write the Program Buffer to Flash
command at the Sector Address. The device then goes busy. The Embedded Program algorithm automatically programs and
verifies the data for the correct data pattern. The system is not required to provide any controls or timings during these operations. If
an incorrect number of write buffer locations have been loaded the operation will abort and return to the initiating state. The abort
occurs as well when anything other than the Program Buffer to Flash is written when that command is expected at the end of the
word count number of data words.
The Write-Buffer Embedded Programming operation can be suspended using the Program Suspend command. When the
Embedded Program algorithm is complete, the EAC then returns to the EAC Standby or Erase Suspend Standby state where the
programming operation was started.
The system can determine the status of the program operation by using the Status Register (Table 17, Status Register on page 36).
See Figure 14, Write Buffer Programming Operation with Status Register on page 29 for a diagram of the programming operation.
The Write Buffer Programming Sequence will be Aborted under the following conditions:
 Load a Word Count value greater than the buffer size (255).
 Write an address that is outside the Line provided in the Write to Buffer command.
 The Program Buffer to Flash command is not issued after the Write Word Count number of data words is loaded.
When any of the conditions that cause an abort of write buffer command occur the abort will happen immediately after the offending
condition, and will indicate a Program Fail in the Status Register at bit location 4 (PSB = 1) due to Write Buffer Abort bit location 3
(WBASB = 1). The next successful program operation will clear the failure status or a Clear Status Register may be issued to clear
the PSB status bit.
The Write Buffer Programming sequence can be terminated by the following: Hardware Reset or Power cycle. However, using either
of these methods may leave the area being programmed in an intermediate state with invalid or unstable data values. In this case
the same area will need to be reprogrammed with the same data or erased to ensure data values are properly programmed or
erased. To ensure the best data integrity, the sector in which the program operation was terminated must be erased and re-
programed.


Numéro de pièce similaire - S26KS512S

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
S26 FAIRCHILD-S26 Datasheet
49Kb / 3P
   Schottky Rectifiers
logo
List of Unclassifed Man...
S26 ETC2-S26 Datasheet
1Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
RFE international
S26 RFE-S26 Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
11-14-2022
logo
List of Unclassifed Man...
S2600B ETC-S2600B Datasheet
94Kb / 3P
   HIGH VOLTAGE MEDIUM CURRENT SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
S2600B NJSEMI-S2600B Datasheet
74Kb / 2P
   High Voltage, Medium Current Silicon Controlled Rectifiers
More results

Description similaire - S26KS512S

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
   128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
   16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
   1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
SMSXXXAF NUMONYX-SMSXXXAF Datasheet
1Mb / 61P
   64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
logo
SPANSION
S25FL512SAGMFI010 SPANSION-S25FL512SAGMFI010 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com