Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S26KS512S Fiches technique(PDF) 73 Page - Cypress Semiconductor

No de pièce S26KS512S
Description  512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S26KS512S Fiches technique(HTML) 73 Page - Cypress Semiconductor

Back Button S26KS512S Datasheet HTML 69Page - Cypress Semiconductor S26KS512S Datasheet HTML 70Page - Cypress Semiconductor S26KS512S Datasheet HTML 71Page - Cypress Semiconductor S26KS512S Datasheet HTML 72Page - Cypress Semiconductor S26KS512S Datasheet HTML 73Page - Cypress Semiconductor S26KS512S Datasheet HTML 74Page - Cypress Semiconductor S26KS512S Datasheet HTML 75Page - Cypress Semiconductor S26KS512S Datasheet HTML 76Page - Cypress Semiconductor S26KS512S Datasheet HTML 77Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 98 page
background image
S26KL512S / S26KS512S
S26KL256S / S26KS256S
S26KL128S / S26KS128S
Document Number: 001-99198 Rev. *F
Page 73 of 98
10.4
DC Characteristics (CMOS Compatible)
Notes:
1. ICC active while Embedded Algorithm is in progress.
2. Not 100% tested.
3. Active Clock Stop Mode enables the lower power mode when the CK/CK# signals remain stable for tACC + 30 ns.
4. VCCQ = 1.70V to 1.95V or 2.7V to 3.6V.
5. VCC = VCCQ = 1.8V or VCC = VCCQ = 3.0V.
6. During Power-Up there are spikes of current demand, the system needs to be able to supply this current to insure the part initializes correctly.
7. If an embedded operation is in progress at the start of reset, the current consumption will remain at the embedded operation specification until
the embedded operation is stopped by the reset. If no embedded operation is in progress when reset is started, or following the stopping of an
embedded operation, ICC7 will be drawn during the remainder of tRPH. After the end of tRPH the device will go to Standby Mode until the next
read or write.
8. The recommended pull-up resistor for the INT# and RSTO# outputs is 5k to 10k Ohms.
9. Typical ICC values are measured at tAI = 25°C and VCC = VCCQ = 1.8V or 3.0V (not applicable to IDPD for 85°C and 105°C).
Table 40. DC Characteristics (CMOS Compatible)
Parameter
Description
Test Conditions
Min
Typ (9)
Max
Unit
ICC1
VCC Active Read Current
(core current only, IO switching current is not
included)
CS# = VIL, @166 MHz, VCC = 1.95V
130
180
mA
CS# = VIL, @100 MHz, VCC = 3.6V
80
100
mA
IIO1
VCCQ Active Read Current of IOs
CS# = VIL, @166 MHz,
VCCQ = 1.95V, CLOAD = 20 pf
80
100
mA
CS# = VIL, @100 MHz,
VCCQ = 3.6V, CLOAD = 20 pf
80
100
mA
ICC3P
VCC Active Program Current (1), (2)
VCC = VCC max
60
100
mA
ICC3E
VCC Active Erase Current (1), (2)
VCC = VCC max
60
100
mA
ICC4I
VCC Standby Current for Industrial Temp. (–
40°C to +85°C)
CS#, RESET# = VCC, VCC = VCC max
25
100
µA
ICC4IC
VCC Standby Current for Industrial Plus
(Automotive - In Cabin) Temp. (–40°C to
+105°C)
CS#, RESET# = VCC, VCC = VCC max
25
300
µA
ICC4E
VCC Standby Current for Extended Temp. (–
40°C to +125°C)
CS#, RESET# = VCC, VCC = VCC max
25
300
µA
ICC5
VCC Reset Current (5)
CS# = VIH, RESET# = VSS,
VCC = VCC max
10
20
mA
ICC6
Active Clock Stop Mode (3)
VIH= VCC, VIL = VSS, VCC = 1.95V
6
12
mA
VIH= VCC, VIL = VSS, VCC = 3.6V
6
12
mA
ICC7
VCC Current during Power-Up (4)
CS# = X, VCC = VCC max,
80
100
mA
IDPD
Deep Power-Down Current 512 Mb @ 25 °C
CS#, RESET#, VCC = VCC max
818
µA
Deep Power-Down Current 512 Mb @ 85 °C
30
50
µA
Deep Power-Down Current 512 Mb @ 105 °C
95
150
µA
Deep Power-Down Current 512 Mb @ 125 °C
150
250
µA
Deep Power-Down Current (all other
densities) @ 25 °C
36
µA
Deep Power-Down Current (all other
densities) @ 85 °C
410
µA
Deep Power-Down Current (all other
densities) @ 105 °C
515
µA
Deep Power-Down Current 256 Mb @ 125 °C
15
25
µA
Deep Power-Down Current 128 Mb @ 125 °C
10
15
µA
VOL
Output Low Voltage
IOL = 100 µA for DQ7-DQ0
IOL = 2 mA for INT# and RSTO#
0.15 x
VCCQ
V


Numéro de pièce similaire - S26KS512S

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
S26 FAIRCHILD-S26 Datasheet
49Kb / 3P
   Schottky Rectifiers
logo
List of Unclassifed Man...
S26 ETC2-S26 Datasheet
1Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
RFE international
S26 RFE-S26 Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
11-14-2022
logo
List of Unclassifed Man...
S2600B ETC-S2600B Datasheet
94Kb / 3P
   HIGH VOLTAGE MEDIUM CURRENT SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
S2600B NJSEMI-S2600B Datasheet
74Kb / 2P
   High Voltage, Medium Current Silicon Controlled Rectifiers
More results

Description similaire - S26KS512S

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
   128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
   16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
   1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
SMSXXXAF NUMONYX-SMSXXXAF Datasheet
1Mb / 61P
   64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
logo
SPANSION
S25FL512SAGMFI010 SPANSION-S25FL512SAGMFI010 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com