Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C4248FNI-BL463 Fiches technique(PDF) 22 Page - Cypress Semiconductor

No de pièce CY8C4248FNI-BL463
Description  Programmable System-on-Chip
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4248FNI-BL463 Fiches technique(HTML) 22 Page - Cypress Semiconductor

Back Button CY8C4248FNI-BL463 Datasheet HTML 18Page - Cypress Semiconductor CY8C4248FNI-BL463 Datasheet HTML 19Page - Cypress Semiconductor CY8C4248FNI-BL463 Datasheet HTML 20Page - Cypress Semiconductor CY8C4248FNI-BL463 Datasheet HTML 21Page - Cypress Semiconductor CY8C4248FNI-BL463 Datasheet HTML 22Page - Cypress Semiconductor CY8C4248FNI-BL463 Datasheet HTML 23Page - Cypress Semiconductor CY8C4248FNI-BL463 Datasheet HTML 24Page - Cypress Semiconductor CY8C4248FNI-BL463 Datasheet HTML 25Page - Cypress Semiconductor CY8C4248FNI-BL463 Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
PRELIMINARY
PSoC® 4: PSoC 4XX8_BLE
Family Datasheet
Document Number: 001-94624 Rev. *K
Page 22 of 47
XRES
Table 10. OVT GPIO DC Specifications (P5_0 and P5_1 Only)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID71A
IIL
Input leakage current (absolute
value), VIH > VDD
10
µA
25 °C, VDD = 0 V, VIH= 3.0 V
SID66A
VOL
Output voltage LOW level
0.4
V
IOL = 20-mA, VDD > 2.9-V
Table 11. OVT GPIO AC Specifications (P5_0 and P5_1 Only)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID78A
TRISE_OVFS
Output rise time in Fast-Strong mode
1.5
12
ns
25-pF load, 10%–90%,
VDD=3.3-V
SID79A
TFALL_OVFS
Output fall time in Fast-Strong mode
1.5
12
ns
25-pF load, 10%–90%,
VDD=3.3-V
SID80A
TRISSS
Output rise time in Slow-Strong mode
10
60
ns
25-pF load, 10%–90%,
VDD=3.3-V
SID81A
TFALLSS
Output fall time in Slow-Strong mode
10
60
ns
25-pF load, 10%–90%,
VDD=3.3-V
SID82A
FGPIOUT1
GPIO FOUT; 3.3 V ≤ VDD 5.5 V
Fast-Strong mode
––24
MHz 90/10%, 25-pF load, 60/40
duty cycle
SID83A
FGPIOUT2
GPIO FOUT; 1.71 V ≤ VDD 3.3 V
Fast-Strong mode
––16
MHz 90/10%, 25-pF load, 60/40
duty cycle
Table 12. XRES DC Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID87
VIH
Input voltage HIGH threshold
0.7 × VDDD
V
CMOS input
SID88
VIL
Input voltage LOW threshold
0.3 × VDDD
V
CMOS input
SID89
Rpullup
Pull-up resistor
3.5
5.6
8.5
kΩ
SID90
CIN
Input capacitance
3
pF
SID91
VHYSXRES
Input voltage hysteresis
100
mV
SID92
IDIODE
Current through protection diode to
VDDD/VSS
––
100
µA
Table 13. XRES AC Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID93
TRESETWIDTH Reset pulse width
1
µs


Numéro de pièce similaire - CY8C4248FNI-BL463

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C4248FNI-BL463 CYPRESS-CY8C4248FNI-BL463 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
CY8C4248FNI-BL463 CYPRESS-CY8C4248FNI-BL463 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
More results

Description similaire - CY8C4248FNI-BL463

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C29466 CYPRESS-CY8C29466_10 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36_10 Datasheet
3Mb / 112P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com