Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C4248FNI-BL463 Fiches technique(PDF) 35 Page - Cypress Semiconductor

No de pièce CY8C4248FNI-BL463
Description  Programmable System-on-Chip
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4248FNI-BL463 Fiches technique(HTML) 35 Page - Cypress Semiconductor

Back Button CY8C4248FNI-BL463 Datasheet HTML 31Page - Cypress Semiconductor CY8C4248FNI-BL463 Datasheet HTML 32Page - Cypress Semiconductor CY8C4248FNI-BL463 Datasheet HTML 33Page - Cypress Semiconductor CY8C4248FNI-BL463 Datasheet HTML 34Page - Cypress Semiconductor CY8C4248FNI-BL463 Datasheet HTML 35Page - Cypress Semiconductor CY8C4248FNI-BL463 Datasheet HTML 36Page - Cypress Semiconductor CY8C4248FNI-BL463 Datasheet HTML 37Page - Cypress Semiconductor CY8C4248FNI-BL463 Datasheet HTML 38Page - Cypress Semiconductor CY8C4248FNI-BL463 Datasheet HTML 39Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
PRELIMINARY
PSoC® 4: PSoC 4XX8_BLE
Family Datasheet
Document Number: 001-94624 Rev. *K
Page 35 of 47
SID376A
ITX_RF, 0dBm
Radio TX current at 0 dBm setting
(PA7)
15.6
mA
Measured at VDDR
SID376B
ITX_RF, 0dBm
Radio TX current at 0 dBm
excluding Balun loss
14.2
mA
Guaranteed by design
simulation
SID377
ITX,-3dBm
TX current at –3-dBm setting (PA4)
15.5
mA
SID378
ITX,-6dBm
TX current at –6-dBm setting (PA3)
14.5
mA
SID379
ITX,-12dBm
TX current at –12-dBm setting (PA2)
13.2
mA
SID380
ITX,-18dBm
TX current at –18-dBm setting (PA1)
12.5
mA
SID380A
Iavg_1sec, 0dBm Average current at 1-second BLE
connection interval
17.1
µA
TXP: 0 dBm; ±20-ppm
master and slave clock
accuracy.
SID380B
Iavg_4sec, 0dBm
Average current at 4-second BLE
connection interval
–6.1
µA
TXP: 0 dBm; ±20-ppm
master and slave clock
accuracy.
General RF Specifications
SID381
FREQ
RF operating frequency
2400
2482
MHz
SID382
CHBW
Channel spacing
2
MHz
SID383
DR
On-air data rate
1000
kbps
SID384
IDLE2TX
BLE.IDLE to BLE. TX transition time
120
140
µs
SID385
IDLE2RX
BLE.IDLE to BLE. RX transition time
75
120
µs
RSSI Specifications
SID386
RSSI, ACC
RSSI accuracy
±5
dB
SID387
RSSI, RES
RSSI resolution
1
dB
SID388
RSSI, PER
RSSI sample period
6
µs
Table 52. BLE Subsystem (continued)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
Table 53. ECO Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID389
FECO
Crystal frequency
24
MHz
SID390
FTOL
Frequency tolerance
–50
50
ppm
SID391
ESR
Equivalent series resistance
60
SID392
PD
Drive level
100
µW
SID393
TSTART1
Startup time (Fast Charge on)
850
µs
SID394
TSTART2
Startup time (Fast Charge off)
3
ms
SID395
CL
Load capacitance
8
pF
SID396
C0
Shunt capacitance
1.1
pF
SID397
IECO
Operating current
1400
µA


Numéro de pièce similaire - CY8C4248FNI-BL463

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C4248FNI-BL463 CYPRESS-CY8C4248FNI-BL463 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
CY8C4248FNI-BL463 CYPRESS-CY8C4248FNI-BL463 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
More results

Description similaire - CY8C4248FNI-BL463

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C29466 CYPRESS-CY8C29466_10 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36_10 Datasheet
3Mb / 112P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com