Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C4248LQI-BL463 Fiches technique(PDF) 31 Page - Cypress Semiconductor

No de pièce CY8C4248LQI-BL463
Description  Programmable System-on-Chip
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4248LQI-BL463 Fiches technique(HTML) 31 Page - Cypress Semiconductor

Back Button CY8C4248LQI-BL463 Datasheet HTML 27Page - Cypress Semiconductor CY8C4248LQI-BL463 Datasheet HTML 28Page - Cypress Semiconductor CY8C4248LQI-BL463 Datasheet HTML 29Page - Cypress Semiconductor CY8C4248LQI-BL463 Datasheet HTML 30Page - Cypress Semiconductor CY8C4248LQI-BL463 Datasheet HTML 31Page - Cypress Semiconductor CY8C4248LQI-BL463 Datasheet HTML 32Page - Cypress Semiconductor CY8C4248LQI-BL463 Datasheet HTML 33Page - Cypress Semiconductor CY8C4248LQI-BL463 Datasheet HTML 34Page - Cypress Semiconductor CY8C4248LQI-BL463 Datasheet HTML 35Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
PRELIMINARY
PSoC® 4: PSoC 4XX8_BLE
Family Datasheet
Document Number: 001-94624 Rev. *K
Page 31 of 47
Voltage Monitors
SWD Interface
Internal Main Oscillator
Table 43. Voltage Monitor DC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID265
VLVI1
LVI_A/D_SEL[3:0] = 0000b
1.71
1.75
1.79
V
SID266
VLVI2
LVI_A/D_SEL[3:0] = 0001b
1.76
1.80
1.85
V
SID267
VLVI3
LVI_A/D_SEL[3:0] = 0010b
1.85
1.90
1.95
V
SID268
VLVI4
LVI_A/D_SEL[3:0] = 0011b
1.95
2.00
2.05
V
SID269
VLVI5
LVI_A/D_SEL[3:0] = 0100b
2.05
2.10
2.15
V
SID270
VLVI6
LVI_A/D_SEL[3:0] = 0101b
2.15
2.20
2.26
V
SID271
VLVI7
LVI_A/D_SEL[3:0] = 0110b
2.24
2.30
2.36
V
SID272
VLVI8
LVI_A/D_SEL[3:0] = 0111b
2.34
2.40
2.46
V
SID273
VLVI9
LVI_A/D_SEL[3:0] = 1000b
2.44
2.50
2.56
V
SID274
VLVI10
LVI_A/D_SEL[3:0] = 1001b
2.54
2.60
2.67
V
SID2705
VLVI11
LVI_A/D_SEL[3:0] = 1010b
2.63
2.70
2.77
V
SID276
VLVI12
LVI_A/D_SEL[3:0] = 1011b
2.73
2.80
2.87
V
SID277
VLVI13
LVI_A/D_SEL[3:0] = 1100b
2.83
2.90
2.97
V
SID278
VLVI14
LVI_A/D_SEL[3:0] = 1101b
2.93
3.00
3.08
V
SID279
VLVI15
LVI_A/D_SEL[3:0] = 1110b
3.12
3.20
3.28
V
SID280
VLVI16
LVI_A/D_SEL[3:0] = 1111b
4.39
4.50
4.61
V
SID281
LVI_IDD
Block current
100
µA
Table 44. Voltage Monitor AC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID282
TMONTRIP
Voltage monitor trip time
1
µs
Table 45. SWD Interface Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID283
F_SWDCLK1
3.3 V
 VDD  5.5 V
14
MHz
SWDCLK ≤ 1/3 CPU
clock frequency
SID284
F_SWDCLK2
1.71 V
 VDD  3.3 V
7
MHz
SWDCLK ≤ 1/3 CPU
clock frequency
SID285
T_SWDI_SETUP T = 1/f SWDCLK
0.25 × T
ns
SID286
T_SWDI_HOLD T = 1/f SWDCLK
0.25 × T
ns
SID287
T_SWDO_VALID T = 1/f SWDCLK
0.5 × T
ns
SID288
T_SWDO_HOLD T = 1/f SWDCLK
1
ns
Table 46. IMO DC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID289
IIMO1
IMO operating current at 48 MHz
1000
µA
SID290
IIMO2
IMO operating current at 24 MHz
325
µA
SID291
IIMO3
IMO operating current at 12 MHz
225
µA
SID292
IIMO4
IMO operating current at 6 MHz
180
µA
SID293
IIMO5
IMO operating current at 3 MHz
150
µA


Numéro de pièce similaire - CY8C4248LQI-BL463

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C4248LQI-BL463 CYPRESS-CY8C4248LQI-BL463 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
CY8C4248LQI-BL463 CYPRESS-CY8C4248LQI-BL463 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
More results

Description similaire - CY8C4248LQI-BL463

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C29466 CYPRESS-CY8C29466_10 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36_10 Datasheet
3Mb / 112P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com