Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C4248BZI-L479 Fiches technique(PDF) 31 Page - Cypress Semiconductor

No de pièce CY8C4248BZI-L479
Description  Programmable System-on-Chip
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4248BZI-L479 Fiches technique(HTML) 31 Page - Cypress Semiconductor

Back Button CY8C4248BZI-L479 Datasheet HTML 27Page - Cypress Semiconductor CY8C4248BZI-L479 Datasheet HTML 28Page - Cypress Semiconductor CY8C4248BZI-L479 Datasheet HTML 29Page - Cypress Semiconductor CY8C4248BZI-L479 Datasheet HTML 30Page - Cypress Semiconductor CY8C4248BZI-L479 Datasheet HTML 31Page - Cypress Semiconductor CY8C4248BZI-L479 Datasheet HTML 32Page - Cypress Semiconductor CY8C4248BZI-L479 Datasheet HTML 33Page - Cypress Semiconductor CY8C4248BZI-L479 Datasheet HTML 34Page - Cypress Semiconductor CY8C4248BZI-L479 Datasheet HTML 35Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
PSoC® 4: PSoC 4200-L Family
Datasheet
Document Number: 001-91686 Rev. *E
Page 31 of 46
SWD Interface
Internal Main Oscillator
Internal Low-Speed Oscillator
Table 32. SWD Interface Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID213
F_SWDCLK1
3.3 V
 VDD  5.5 V
14
MHz
SWDCLK ≤ 1/3 CPU
clock frequency
SID214
F_SWDCLK2
1.71 V
 VDD  3.3 V
7
MHz
SWDCLK ≤ 1/3 CPU
clock frequency
SID215
T_SWDI_SETUP T = 1/f SWDCLK
0.25*T
ns
Guaranteed by
characterization
SID216
T_SWDI_HOLD T = 1/f SWDCLK
0.25*T
ns
Guaranteed by
characterization
SID217
T_SWDO_VALID T = 1/f SWDCLK
0.5*T
ns
Guaranteed by
characterization
SID217A
T_SWDO_HOLD T = 1/f SWDCLK
1
ns
Guaranteed by
characterization
Table 33. IMO DC Specifications
(Guaranteed by Design)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID218
IIMO1
IMO operating current at 48 MHz
1000
µA
SID219
IIMO2
IMO operating current at 24 MHz
325
µA
SID220
IIMO3
IMO operating current at 12 MHz
225
µA
SID221
IIMO4
IMO operating current at 6 MHz
180
µA
SID222
IIMO5
IMO operating current at 3 MHz
150
µA
Table 34. IMO AC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID223
FIMOTOL1
Frequency variation from 3 to
48 MHz
––
±2
%
SID226
TSTARTIMO
IMO startup time
12
µs
SID227
TJITRMSIMO1
RMS Jitter at 3 MHz
156
ps
SID228
TJITRMSIMO2
RMS Jitter at 24 MHz
145
ps
SID229
TJITRMSIMO3
RMS Jitter at 48 MHz
139
ps
Table 35. ILO DC Specifications
(Guaranteed by Design)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID231
IILO1
ILO operating current at 32 kHz
0.3
1.05
µA
Guaranteed by
Characterization
SID233
IILOLEAK
ILO leakage current
2
15
nA
Guaranteed by
Design


Numéro de pièce similaire - CY8C4248BZI-L479

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C4248FLI-BL483 CYPRESS-CY8C4248FLI-BL483 Datasheet
4Mb / 47P
   Programmable System-on-Chip
CY8C4248FLI-BL483 CYPRESS-CY8C4248FLI-BL483 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
CY8C4248FLI-BL483 CYPRESS-CY8C4248FLI-BL483 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
CY8C4248FLI-BL583 CYPRESS-CY8C4248FLI-BL583 Datasheet
4Mb / 47P
   Programmable System-on-Chip (PSoC짰)
CY8C4248FNI-BL453 CYPRESS-CY8C4248FNI-BL453 Datasheet
4Mb / 47P
   Programmable System-on-Chip
More results

Description similaire - CY8C4248BZI-L479

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
   Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C29466 CYPRESS-CY8C29466_10 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36_10 Datasheet
3Mb / 112P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com