Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C4248LTI-L475 Fiches technique(PDF) 21 Page - Cypress Semiconductor

No de pièce CY8C4248LTI-L475
Description  Programmable System-on-Chip
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4248LTI-L475 Fiches technique(HTML) 21 Page - Cypress Semiconductor

Back Button CY8C4248LTI-L475 Datasheet HTML 17Page - Cypress Semiconductor CY8C4248LTI-L475 Datasheet HTML 18Page - Cypress Semiconductor CY8C4248LTI-L475 Datasheet HTML 19Page - Cypress Semiconductor CY8C4248LTI-L475 Datasheet HTML 20Page - Cypress Semiconductor CY8C4248LTI-L475 Datasheet HTML 21Page - Cypress Semiconductor CY8C4248LTI-L475 Datasheet HTML 22Page - Cypress Semiconductor CY8C4248LTI-L475 Datasheet HTML 23Page - Cypress Semiconductor CY8C4248LTI-L475 Datasheet HTML 24Page - Cypress Semiconductor CY8C4248LTI-L475 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
PSoC® 4: PSoC 4200-L Family
Datasheet
Document Number: 001-91686 Rev. *E
Page 21 of 46
Analog Peripherals
Opamp
Table 8. Opamp Specifications
(Guaranteed by Characterization)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
IDD
Opamp block current. No load.
SID269
IDD_HI
Power = high
1100
1850
µA
SID270
IDD_MED
Power = medium
550
950
µA
SID271
IDD_LOW
Power = low
150
350
µA
GBW
Load = 20 pF, 0.1 mA. VDDA = 2.7 V
SID272
GBW_HI
Power = high
6
MHz
SID273
GBW_MED
Power = medium
4
MHz
SID274
GBW_LO
Power = low
1
MHz
IOUT_MAX
VDDA  2.7 V, 500 mV from rail
SID275
IOUT_MAX_HI
Power = high
10
mA
SID276
IOUT_MAX_MID
Power = medium
10
mA
SID277
IOUT_MAX_LO
Power = low
5
mA
IOUT
VDDA = 1.71 V, 500 mV from rail
SID278
IOUT_MAX_HI
Power = high
4
mA
SID279
IOUT_MAX_MID
Power = medium
4
mA
SID280
IOUT_MAX_LO
Power = low
2
mA
SID281
VIN
Input voltage range
–0.05
VDDA
0.2
V
Charge-pump on, VDDA 
2.7 V
SID282
VCM
Input common mode voltage
–0.05
VDDA
– 0.2
V
Charge-pump on, VDDA 
2.7 V
VOUT
VDDA  2.7 V
SID283
VOUT_1
Power = high, Iload=10 mA
0.5
VDDA
– 0.5
V
SID284
VOUT_2
Power = high, Iload=1 mA
0.2
VDDA
– 0.2
V
SID285
VOUT_3
Power = medium, Iload=1 mA
0.2
VDDA
– 0.2
V
SID286
VOUT_4
Power = low, Iload=0.1mA
0.2
VDDA
– 0.2
V
SID288
VOS_TR
Offset voltage, trimmed
1
±0.5
1
mV
High mode
SID288A
VOS_TR
Offset voltage, trimmed
±1
mV
Medium mode
SID288B
VOS_TR
Offset voltage, trimmed
±2
mV
Low mode
SID290
VOS_DR_TR
Offset voltage drift, trimmed
–10
±3
10
µV/°C
High mode
SID290A
VOS_DR_TR
Offset voltage drift, trimmed
±10
µV/°C
Medium mode
SID290B
VOS_DR_TR
Offset voltage drift, trimmed
±10
µV/°C
Low mode
SID291
CMRR
DC
60
70
dB
VDDD = 3.6 V
SID292
PSRR
At 1 kHz, 100 mV ripple
70
85
dB
VDDD = 3.6 V
Noise
SID293
VN1
Input referred, 1 Hz - 1GHz, power =
high
94
µVrms


Numéro de pièce similaire - CY8C4248LTI-L475

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C4248LQI-BL453 CYPRESS-CY8C4248LQI-BL453 Datasheet
4Mb / 47P
   Programmable System-on-Chip
CY8C4248LQI-BL453 CYPRESS-CY8C4248LQI-BL453 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
CY8C4248LQI-BL453 CYPRESS-CY8C4248LQI-BL453 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
CY8C4248LQI-BL463 CYPRESS-CY8C4248LQI-BL463 Datasheet
4Mb / 47P
   Programmable System-on-Chip
CY8C4248LQI-BL463 CYPRESS-CY8C4248LQI-BL463 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
More results

Description similaire - CY8C4248LTI-L475

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
   Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C29466 CYPRESS-CY8C29466_10 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36_10 Datasheet
3Mb / 112P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com