Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C4247AZI-M475 Fiches technique(PDF) 28 Page - Cypress Semiconductor

No de pièce CY8C4247AZI-M475
Description  Programmable System-on-Chip
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4247AZI-M475 Fiches technique(HTML) 28 Page - Cypress Semiconductor

Back Button CY8C4247AZI-M475 Datasheet HTML 24Page - Cypress Semiconductor CY8C4247AZI-M475 Datasheet HTML 25Page - Cypress Semiconductor CY8C4247AZI-M475 Datasheet HTML 26Page - Cypress Semiconductor CY8C4247AZI-M475 Datasheet HTML 27Page - Cypress Semiconductor CY8C4247AZI-M475 Datasheet HTML 28Page - Cypress Semiconductor CY8C4247AZI-M475 Datasheet HTML 29Page - Cypress Semiconductor CY8C4247AZI-M475 Datasheet HTML 30Page - Cypress Semiconductor CY8C4247AZI-M475 Datasheet HTML 31Page - Cypress Semiconductor CY8C4247AZI-M475 Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
PSoC® 4: PSoC 4200M Family
Datasheet
Document Number: 001-93963 Rev. *G
Page 28 of 42
System Resources
Power-on-Reset (POR) with Brown Out
Voltage Monitors
Table 28. Imprecise Power On Reset (PRES)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID185
VRISEIPOR
Rising trip voltage
0.80
1.45
V
Guaranteed by charac-
terization
SID186
VFALLIPOR
Falling trip voltage
0.75
1.4
V
Guaranteed by charac-
terization
SID187
VIPORHYST
Hysteresis
15
200
mV
Guaranteed by charac-
terization
Table 29. Precise Power On Reset (POR)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID190
VFALLPPOR
BOD trip voltage in active and
sleep modes
1.64
V
Guaranteed by charac-
terization
SID192
VFALLDPSLP
BOD trip voltage in Deep Sleep
1.4
V
Guaranteed by charac-
terization
Table 30. Voltage Monitors DC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID195
VLVI1
LVI_A/D_SEL[3:0] = 0000b
1.71
1.75
1.79
V
SID196
VLVI2
LVI_A/D_SEL[3:0] = 0001b
1.76
1.80
1.85
V
SID197
VLVI3
LVI_A/D_SEL[3:0] = 0010b
1.85
1.90
1.95
V
SID198
VLVI4
LVI_A/D_SEL[3:0] = 0011b
1.95
2.00
2.05
V
SID199
VLVI5
LVI_A/D_SEL[3:0] = 0100b
2.05
2.10
2.15
V
SID200
VLVI6
LVI_A/D_SEL[3:0] = 0101b
2.15
2.20
2.26
V
SID201
VLVI7
LVI_A/D_SEL[3:0] = 0110b
2.24
2.30
2.36
V
SID202
VLVI8
LVI_A/D_SEL[3:0] = 0111b
2.34
2.40
2.46
V
SID203
VLVI9
LVI_A/D_SEL[3:0] = 1000b
2.44
2.50
2.56
V
SID204
VLVI10
LVI_A/D_SEL[3:0] = 1001b
2.54
2.60
2.67
V
SID205
VLVI11
LVI_A/D_SEL[3:0] = 1010b
2.63
2.70
2.77
V
SID206
VLVI12
LVI_A/D_SEL[3:0] = 1011b
2.73
2.80
2.87
V
SID207
VLVI13
LVI_A/D_SEL[3:0] = 1100b
2.83
2.90
2.97
V
SID208
VLVI14
LVI_A/D_SEL[3:0] = 1101b
2.93
3.00
3.08
V
SID209
VLVI15
LVI_A/D_SEL[3:0] = 1110b
3.12
3.20
3.28
V
SID210
VLVI16
LVI_A/D_SEL[3:0] = 1111b
4.39
4.50
4.61
V
SID211
LVI_IDD
Block current
100
µA
Guaranteed by charac-
terization
Table 31. Voltage Monitors AC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID212
TMONTRIP
Voltage monitor trip time
1
µs
Guaranteed by charac-
terization


Numéro de pièce similaire - CY8C4247AZI-M475

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C4247AZI-L423 CYPRESS-CY8C4247AZI-L423 Datasheet
3Mb / 46P
   Programmable System-on-Chip
CY8C4247AZI-L433 CYPRESS-CY8C4247AZI-L433 Datasheet
3Mb / 46P
   Programmable System-on-Chip
CY8C4247AZI-L445 CYPRESS-CY8C4247AZI-L445 Datasheet
3Mb / 46P
   Programmable System-on-Chip
CY8C4247AZI-L475 CYPRESS-CY8C4247AZI-L475 Datasheet
3Mb / 46P
   Programmable System-on-Chip
CY8C4247AZI-L485 CYPRESS-CY8C4247AZI-L485 Datasheet
3Mb / 46P
   Programmable System-on-Chip
More results

Description similaire - CY8C4247AZI-M475

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
   Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C29466 CYPRESS-CY8C29466_10 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36_10 Datasheet
3Mb / 112P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com