Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FL116K Fiches technique(PDF) 32 Page - Cypress Semiconductor

No de pièce FL116K
Description  16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FL116K Fiches technique(HTML) 32 Page - Cypress Semiconductor

Back Button FL116K Datasheet HTML 28Page - Cypress Semiconductor FL116K Datasheet HTML 29Page - Cypress Semiconductor FL116K Datasheet HTML 30Page - Cypress Semiconductor FL116K Datasheet HTML 31Page - Cypress Semiconductor FL116K Datasheet HTML 32Page - Cypress Semiconductor FL116K Datasheet HTML 33Page - Cypress Semiconductor FL116K Datasheet HTML 34Page - Cypress Semiconductor FL116K Datasheet HTML 35Page - Cypress Semiconductor FL116K Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 90 page
background image
Document Number: 002-00497 Rev. *E
Page 32 of 90
S25FL116K, S25FL132K, S25FL164K
5.2
Physical Diagrams
5.2.1
SOA008 — 8-Lead Plastic Small Outline Package (150-mils Body Width)
g1019 \ 16-038.3f \ 10.06.11
NOTES:
1.
ALL DIMENSIONS ARE IN BOTH INCHES AND MILLMETERS.
2.
DIMENSIONING AND TOLERANCING PER ASME Y14.5M - 1994.
3.
DIMENSION D DOES NOT INCLUDE MOLD FLASH,
PROTRUSIONS OR GATE BURRS. MOLD FLASH,
PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.15 mm
PER END. DIMENSION E1 DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION
SHALL NOT EXCEED 0.25 mm PER SIDE. D AND E1
DIMENSIONS ARE DETERMINED AT DATUM H.
4.
THE PACKAGE TOP MAY BE SMALLER THAN THE PACKAGE
BOTTOM. DIMENSIONS D AND E1 ARE DETERMINED AT THE
OUTMOST EXTREMES OF THE PLASTIC BODY EXCLUSIVE OF
MOLD FLASH, TIE BAR BURRS, GATE BURRS AND INTERLEAD
FLASH. BUT INCLUDING ANY MISMATCH BETWEEN THE TOP
AND BOTTOM OF THE PLASTIC BODY.
5.
DATUMS A AND B TO BE DETERMINED AT DATUM H.
6.
"N" IS THE MAXIMUM NUMBER OF TERMINAL POSITIONS FOR
THE SPECIFIED PACKAGE LENGTH.
7.
THE DIMENSIONS APPLY TO THE FLAT SECTION OF THE LEAD
BETWEEN 0.10 TO 0.25 mm FROM THE LEAD TIP.
8.
DIMENSION "b" DOES NOT INCLUDE DAMBAR PROTRUSION.
ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.10 mm TOTAL
IN EXCESS OF THE "b" DIMENSION AT MAXIMUM MATERIAL
CONDITION. THE DAMBAR CANNOT BE LOCATED ON THE
LOWER RADIUS OF THE LEAD FOOT.
9.
THIS CHAMFER FEATURE IS OPTIONAL. IF IT IS NOT PRESENT,
THEN A PIN 1 IDENTIFIER MUST BE LOCATED WITHIN THE INDEX
AREA INDICATED.
10.
LEAD COPLANARITY SHALL BE WITHIN 0.10 mm AS MEASURED
FROM THE SEATING PLANE.


Numéro de pièce similaire - FL116K

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FL1012 ETC2-FL1012 Datasheet
74Kb / 1P
   ELECTRICAL SPECIFICATIONS
logo
Pulse A Technitrol Comp...
FL1012 PULSE-FL1012 Datasheet
261Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
logo
List of Unclassifed Man...
FL1012NL ETC2-FL1012NL Datasheet
74Kb / 1P
   ELECTRICAL SPECIFICATIONS
logo
Pulse A Technitrol Comp...
FL1020 PULSE-FL1020 Datasheet
261Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
logo
Hubbell Incorporated.
FL1025X03D HUBBELL-FL1025X03D Datasheet
263Kb / 2P
   Brass Flag Style Female Quick Disconnect, 12-10 AWG, Tin Plated.
More results

Description similaire - FL116K

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
   128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S29GL064S CYPRESS-S29GL064S Datasheet
1Mb / 105P
   64 Mbit (8 Mbyte) 3.0 V Flash Memory
S25FL512S CYPRESS-S25FL512S Datasheet
3Mb / 133P
   512 Mbit (64 Mbyte), 3.0 V SPI Flash Memory
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
   1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
S25FL127S CYPRESS-S25FL127S Datasheet
2Mb / 142P
   128-Mbit (16 Mbyte) 3.0 V SPI Flash Memory
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
SPANSION
S25FL512SAGMFI010 SPANSION-S25FL512SAGMFI010 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com