Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FL116K Fiches technique(PDF) 49 Page - Cypress Semiconductor

No de pièce FL116K
Description  16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FL116K Fiches technique(HTML) 49 Page - Cypress Semiconductor

Back Button FL116K Datasheet HTML 45Page - Cypress Semiconductor FL116K Datasheet HTML 46Page - Cypress Semiconductor FL116K Datasheet HTML 47Page - Cypress Semiconductor FL116K Datasheet HTML 48Page - Cypress Semiconductor FL116K Datasheet HTML 49Page - Cypress Semiconductor FL116K Datasheet HTML 50Page - Cypress Semiconductor FL116K Datasheet HTML 51Page - Cypress Semiconductor FL116K Datasheet HTML 52Page - Cypress Semiconductor FL116K Datasheet HTML 53Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 90 page
background image
Document Number: 002-00497 Rev. *E
Page 49 of 90
S25FL116K, S25FL132K, S25FL164K
3Ch
JEDEC Basic Flash
Parameter Dword-16
E8h
Bits 31:24 = Enter 4-Byte Addressing
= xxxx_xxx1b:issue instruction B7 (preceding write enable not required
+ xx1x_xxxxb: Supports dedicated 4-byte address instruction set.
Consult vendor data sheet for the instruction set definition or look for 4-
byte Address Parameter Table.
+ 1xxx_xxxxb: Reserved
= 10000000b not supported
Bits 23:14 = Exit 4-byte Addressing
= xx_xxxx_xxx1b:issue instruction E9h to exit 4-byte address mode
(Write enable instruction 06h is not required)
+ xx_xx1x_xxxxb: Hardware reset
+ xx_x1xx_xxxxb: Software reset (see bits 13:8 in this DWORD)
+ xx_1xxx_xxxxb: Power cycle
+ x1_xxxx_xxxxb: Reserved
+ 1x_xxxx_xxxxb: Reserved
= 11_0000_0000b not supported
Bits 13:8 = Soft Reset and Rescue Sequence Support
= x1_xxxxb: issue reset enable instruction 66h, then issue reset
instruction 99h. The reset enable, reset sequence may be issued on 1,2,
or 4 wires depending on the device operating mode
= 01_0000b
Bit 7 = RFU = 1
Bits 6:0 = Volatile or Non-Volatile Register and Write Enable Instruction
for Status Register 1
= xxx_1xxxb: Non-Volatile/Volatile status register 1 powers-up to last
written value in the non-volatile status register, use instruction 06h to
enable write to non-volatile status register. Volatile status register may
be activated after power-up to override the non-volatile status register,
use instruction 50h to enable write and activate the volatile status
register.
+ x1x_xxxxb: Reserved
+ 1xx_xxxxb: Reserved
= 1101000b
Binary Fields: 10000000-1100000000-010000-1-1101000
Nibble Format: 1000_0000_1100_0000_0001_0000_1110_1000
Hex Format: 80_C0_10_E8
3Dh
10h
3Eh
C0h
3Fh
80h
Table 6.7 Basic SPI Flash Parameter, JEDEC SFDP Rev B (Continued)
SFDP Parameter
Relative Byte
Address
SFDP Dword Name
Data
Description


Numéro de pièce similaire - FL116K

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FL1012 ETC2-FL1012 Datasheet
74Kb / 1P
   ELECTRICAL SPECIFICATIONS
logo
Pulse A Technitrol Comp...
FL1012 PULSE-FL1012 Datasheet
261Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
logo
List of Unclassifed Man...
FL1012NL ETC2-FL1012NL Datasheet
74Kb / 1P
   ELECTRICAL SPECIFICATIONS
logo
Pulse A Technitrol Comp...
FL1020 PULSE-FL1020 Datasheet
261Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
logo
Hubbell Incorporated.
FL1025X03D HUBBELL-FL1025X03D Datasheet
263Kb / 2P
   Brass Flag Style Female Quick Disconnect, 12-10 AWG, Tin Plated.
More results

Description similaire - FL116K

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
   128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S29GL064S CYPRESS-S29GL064S Datasheet
1Mb / 105P
   64 Mbit (8 Mbyte) 3.0 V Flash Memory
S25FL512S CYPRESS-S25FL512S Datasheet
3Mb / 133P
   512 Mbit (64 Mbyte), 3.0 V SPI Flash Memory
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
   1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
S25FL127S CYPRESS-S25FL127S Datasheet
2Mb / 142P
   128-Mbit (16 Mbyte) 3.0 V SPI Flash Memory
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
SPANSION
S25FL512SAGMFI010 SPANSION-S25FL512SAGMFI010 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com