Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S25FL116K Fiches technique(PDF) 87 Page - Cypress Semiconductor

No de pièce S25FL116K
Description  16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL116K Fiches technique(HTML) 87 Page - Cypress Semiconductor

Back Button S25FL116K Datasheet HTML 82Page - Cypress Semiconductor S25FL116K Datasheet HTML 83Page - Cypress Semiconductor S25FL116K Datasheet HTML 84Page - Cypress Semiconductor S25FL116K Datasheet HTML 85Page - Cypress Semiconductor S25FL116K Datasheet HTML 86Page - Cypress Semiconductor S25FL116K Datasheet HTML 87Page - Cypress Semiconductor S25FL116K Datasheet HTML 88Page - Cypress Semiconductor S25FL116K Datasheet HTML 89Page - Cypress Semiconductor S25FL116K Datasheet HTML 90Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 87 / 90 page
background image
Document Number: 002-00497 Rev. *E
Page 87 of 90
S25FL116K, S25FL132K, S25FL164K
Valid Combinations — GT Grade / AEC-Q100
Table 10.2 lists configurations that are GT Grade / AEC-Q100 qualified and are planned to be available in volume. Consult your local
sales office to confirm availability of specific valid combinations and to check on newly released combinations.
GT Grade is the Cypress quality and reliability rating to indicate products that are intended for high reliability applications such as
automotive. Qualification according to AEC-Q100 is a prerequisite for all GT Grade products.
Table 10.2 Valid Combinations for GT Grade Part Numbers
Base Ordering Part Number
Speed Option
Package and Temperature
Model Number
Packing Type
Package Marking
FL116K
0X
MFA
01
0, 1, 3
FL116KAF01
Q1
FL116KAFQ1
04
FL116KAF4
MFB
01
FL116KBF01
04
FL116KBF4
NFA
01
FL116KAF01
Q1
FL116KAFQ1
NFB
01
FL116KBF01
BHA
02
0, 3
FL116KAH02
03
FL116KAH03
BHB
02
FL116KBH02
03
FL116KBH03
FL132K
0X
MFI
01
0, 1, 3
FL132KAF01
Q1
FL132KAFQ1
04
FL132KAF4
MFB
01
FL132KBF01
04
FL132KBF4
NFA
01
FL132KAF01
04
FL132KAF04
Q1
FL132KAFQ1
NFB
01
FL132KBF01
04
FL132KBF04
BHA
02
0, 3
FL132KAH02
03
FL132KAH03
BHB
02
FL132KBH02
03
FL132KBH03


Numéro de pièce similaire - S25FL116K

FabricantNo de pièceFiches techniqueDescription
logo
SPANSION
S25FL116K SPANSION-S25FL116K Datasheet
2Mb / 79P
   16-Mbit CMOS 3.0-Volt Flash Non-Volatile Memory Serial Peripheral Interface with Multi-I/O and Industrial and Automotive Temperature
S25FL116K0XBFI010 SPANSION-S25FL116K0XBFI010 Datasheet
2Mb / 79P
   16-Mbit CMOS 3.0-Volt Flash Non-Volatile Memory Serial Peripheral Interface with Multi-I/O and Industrial and Automotive Temperature
S25FL116K0XBFI011 SPANSION-S25FL116K0XBFI011 Datasheet
2Mb / 79P
   16-Mbit CMOS 3.0-Volt Flash Non-Volatile Memory Serial Peripheral Interface with Multi-I/O and Industrial and Automotive Temperature
S25FL116K0XBFI013 SPANSION-S25FL116K0XBFI013 Datasheet
2Mb / 79P
   16-Mbit CMOS 3.0-Volt Flash Non-Volatile Memory Serial Peripheral Interface with Multi-I/O and Industrial and Automotive Temperature
S25FL116K0XBFI020 SPANSION-S25FL116K0XBFI020 Datasheet
2Mb / 79P
   16-Mbit CMOS 3.0-Volt Flash Non-Volatile Memory Serial Peripheral Interface with Multi-I/O and Industrial and Automotive Temperature
More results

Description similaire - S25FL116K

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
   128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S29GL064S CYPRESS-S29GL064S Datasheet
1Mb / 105P
   64 Mbit (8 Mbyte) 3.0 V Flash Memory
S25FL512S CYPRESS-S25FL512S Datasheet
3Mb / 133P
   512 Mbit (64 Mbyte), 3.0 V SPI Flash Memory
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
   1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
S25FL127S CYPRESS-S25FL127S Datasheet
2Mb / 142P
   128-Mbit (16 Mbyte) 3.0 V SPI Flash Memory
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
SPANSION
S25FL512SAGMFI010 SPANSION-S25FL512SAGMFI010 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com