Moteur de recherche de fiches techniques de composants électroniques |
|
TPK15KP85A Fiches technique(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd |
|
TPK15KP85A Fiches technique(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd |
1 / 4 page Technical Data Green Products Data Sheet N0174, Rev. B • China - Germany - Korea - Singapore - United States • • http://www.smc-diodes.com - sales@ smc-diodes.com • TPK15KPXX TPK15KPXX TVS Rectifier Applications: Protection from switching transients and induced RF Features: Low profile surface mount Unidirectional and Bidirectional Fast response Suppresses transients up to 15kW @ 10/1000µs Marking : body marked with TPK15KPXXX This is a Pb − Free Device Open top for heat dissipation and different connection options All SMC parts are traceable to the wafer lot All part are 100% tested: electrical, 1x surge test, visual inspection Additional testing can be offered upon request Mechanical Dimensions:In mm SPD-4 |
Numéro de pièce similaire - TPK15KP85A |
|
Description similaire - TPK15KP85A |