Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C4247LQI-BL473 Fiches technique(PDF) 8 Page - Cypress Semiconductor

No de pièce CY8C4247LQI-BL473
Description  Programmable System-on-Chip
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4247LQI-BL473 Fiches technique(HTML) 8 Page - Cypress Semiconductor

Back Button CY8C4247LQI-BL473 Datasheet HTML 4Page - Cypress Semiconductor CY8C4247LQI-BL473 Datasheet HTML 5Page - Cypress Semiconductor CY8C4247LQI-BL473 Datasheet HTML 6Page - Cypress Semiconductor CY8C4247LQI-BL473 Datasheet HTML 7Page - Cypress Semiconductor CY8C4247LQI-BL473 Datasheet HTML 8Page - Cypress Semiconductor CY8C4247LQI-BL473 Datasheet HTML 9Page - Cypress Semiconductor CY8C4247LQI-BL473 Datasheet HTML 10Page - Cypress Semiconductor CY8C4247LQI-BL473 Datasheet HTML 11Page - Cypress Semiconductor CY8C4247LQI-BL473 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
PRELIMINARY
PSoC® 4: PSoC 4XX8_BLE
Family Datasheet
Document Number: 001-94624 Rev. *K
Page 8 of 47
Programmable Digital
Universal Digital Blocks (UDBs) and Port Interfaces
The PSoC 4XX8_BLE has four UDBs; the UDB array also
provides a switched Digital System Interconnect (DSI) fabric that
allows signals from peripherals and ports to be routed to and
through the UDBs for communication and control.
Figure 5. UDB Array
UDBs can be clocked from a clock-divider block, from a port
interface (required for peripherals such as SPI), and from the DSI
network directly or after synchronization.
A port interface is defined, which acts as a register that can be
clocked with the same source as the PLDs inside the UDB array.
This allows a faster operation because the inputs and outputs
can be registered at the port interface close to the I/O pins and
at the edge of the array. The port interface registers can be
clocked by one of the I/Os from the same port. This allows
interfaces such as SPI to operate at higher clock speeds by
eliminating the delay for the port input to be routed over DSI and
used to register other inputs (see Figure 6).
Figure 6. Port Interface
UDBs can generate interrupts (one UDB at a time) to the interrupt controller. UDBs retain the ability to connect to any pin on the chip
through the DSI.
P rogram m a ble D ig ital S u bsyste m
UDB IF
UD B
UD B
UD B
UD B
DS I
DS I
DS I
DS I
BU S IF
CLK IF
Port IF
P ort IF
Port IF
CP U
S ub -sys tem
Sy stem
Interconne ct
C lo cks
4 to 8
8 to 32
R o uting
C hannels
IR Q IF
Clock Selector
Block from
UDB
9
Digital
GlobalClocks
3 DSI Signals ,
1 I/O Signal
4
Reset Selector
Block from
UDB
2
2
Input Registers
Output Registers
To DSI
8
From DSI
8
8
8
Enables
8
From DSI
4
4
7
6
. . .
0
7
6
. . .
0
3
2
1
0
High Speed I/O Matrix
To Clock
Tree
[0]
[0]
[1]
[1]
[1]
[1]


Numéro de pièce similaire - CY8C4247LQI-BL473

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C4247LQI-BL473 CYPRESS-CY8C4247LQI-BL473 Datasheet
641Kb / 47P
   Programmable System-on-Chip (PSoC짰)
CY8C4247LQI-BL473 CYPRESS-CY8C4247LQI-BL473 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
CY8C4247LQI-BL473 CYPRESS-CY8C4247LQI-BL473 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
More results

Description similaire - CY8C4247LQI-BL473

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C29466 CYPRESS-CY8C29466_10 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36_10 Datasheet
3Mb / 112P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com