Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C4246LTI-M445 Fiches technique(PDF) 19 Page - Cypress Semiconductor

No de pièce CY8C4246LTI-M445
Description  Programmable System-on-Chip
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4246LTI-M445 Fiches technique(HTML) 19 Page - Cypress Semiconductor

Back Button CY8C4246LTI-M445 Datasheet HTML 15Page - Cypress Semiconductor CY8C4246LTI-M445 Datasheet HTML 16Page - Cypress Semiconductor CY8C4246LTI-M445 Datasheet HTML 17Page - Cypress Semiconductor CY8C4246LTI-M445 Datasheet HTML 18Page - Cypress Semiconductor CY8C4246LTI-M445 Datasheet HTML 19Page - Cypress Semiconductor CY8C4246LTI-M445 Datasheet HTML 20Page - Cypress Semiconductor CY8C4246LTI-M445 Datasheet HTML 21Page - Cypress Semiconductor CY8C4246LTI-M445 Datasheet HTML 22Page - Cypress Semiconductor CY8C4246LTI-M445 Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
PSoC® 4: PSoC 4200M Family
Datasheet
Document Number: 001-93963 Rev. *G
Page 19 of 42
XRES
SID68
VHYSCMOS
Input hysteresis CMOS
0.05 ×
VDDD
––
mV
SID69
IDIODE
Current through protection diode to
VDD/Vss
––
100
µA
Guaranteed by
characterization
SID69A
ITOT_GPIO
Maximum Total Source or Sink Chip
Current
200
mA
Guaranteed by
characterization
Table 4. GPIO DC Specifications (continued)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
Note
3. Simultaneous switching transitions on many fully-loaded GPIO pins may cause ground perturbations depending on several factors including PCB and decoupling
capacitor design. For applications that are very sensitive to ground perturbations, the slower GPIO slew rate setting may be used.
Table 5. GPIO AC Specifications
(Guaranteed by Characterization)[3]
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID70
TRISEF
Rise time in fast strong mode
2
12
ns
3.3 V VDDD,
Cload = 25 pF
SID71
TFALLF
Fall time in fast strong mode
2
12
ns
3.3 V VDDD,
Cload = 25 pF
SID72
TRISES
Rise time in slow strong mode
10
60
ns
3.3 V VDDD,
Cload = 25 pF
SID73
TFALLS
Fall time in slow strong mode
10
60
ns
3.3 V VDDD,
Cload = 25 pF
SID74
FGPIOUT1
GPIO Fout;3.3 V
 VDDD 5.5 V. Fast
strong mode.
33
MHz
90/10%, 25-pF load,
60/40 duty cycle
SID75
FGPIOUT2
GPIO Fout;1.7 V
VDDD3.3 V. Fast
strong mode.
16.7
MHz
90/10%, 25-pF load,
60/40 duty cycle
SID76
FGPIOUT3
GPIO Fout;3.3 V
VDDD 5.5 V.
Slow strong mode.
7
MHz
90/10%, 25-pF load,
60/40 duty cycle
SID245
FGPIOUT4
GPIO Fout;1.7 V
VDDD 3.3 V.
Slow strong mode.
3.5
MHz
90/10%, 25-pF load,
60/40 duty cycle
SID246
FGPIOIN
GPIO input operating frequency;
1.71 V
VDDD 5.5 V
48
MHz
90/10% VIO
Table 6. XRES DC Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID77
VIH
Input voltage high threshold
0.7 ×
VDDD
V
CMOS Input
SID78
VIL
Input voltage low threshold
0.3 ×
VDDD
V
CMOS Input
SID79
RPULLUP
Pull-up resistor
3.5
5.6
8.5
kΩ
SID80
CIN
Input capacitance
3
pF
SID81
VHYSXRES
Input voltage hysteresis
100
mV
Guaranteed by
characterization
SID82
IDIODE
Current through protection diode to
VDDD/VSS
100
µA
Guaranteed by
characterization
Table 7. XRES AC Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID83
TRESETWIDTH Reset pulse width
1
µs
Guaranteed by
characterization


Numéro de pièce similaire - CY8C4246LTI-M445

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C4246LTI-L445 CYPRESS-CY8C4246LTI-L445 Datasheet
3Mb / 46P
   Programmable System-on-Chip
More results

Description similaire - CY8C4246LTI-M445

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
   Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C29466 CYPRESS-CY8C29466_10 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36_10 Datasheet
3Mb / 112P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com