Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


CY8C4014LQI-SLT1 Datasheet(Fiches technique) 21 Page - Cypress Semiconductor

Numéro de pièce CY8C4014LQI-SLT1
Description  Programmable System-on-Chip
Télécharger  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo 

 21 page
background image
PSoC® 4: PSoC 4000 Family
Datasheet
Document Number: 001-89638 Rev. *E
Page 21 of 34
SWD Interface
Internal Main Oscillator
Internal Low-Speed Oscillator
Note
13. Guaranteed by characterization.
Table 20. SWD Interface Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID213
F_SWDCLK1
3.3 V
 VDD  5.5 V
14
MHz
SWDCLK ≤ 1/3 CPU
clock frequency
SID214
F_SWDCLK2
1.71 V
 VDD  3.3 V
7
MHz
SWDCLK ≤ 1/3 CPU
clock frequency
SID215[13]
T_SWDI_SETUP T = 1/f SWDCLK
0.25*T
ns
SID216[13]
T_SWDI_HOLD T = 1/f SWDCLK
0.25*T
ns
SID217[13]
T_SWDO_VALID T = 1/f SWDCLK
0.5*T
ns
SID217A[13] T_SWDO_HOLD T = 1/f SWDCLK
1
ns
Table 21. IMO DC Specifications
(Guaranteed by Design)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID218
IIMO1
IMO operating current at 48 MHz
250
µA
SID219
IIMO2
IMO operating current at 24 MHz
180
µA
Table 22. IMO AC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID223
FIMOTOL1
Frequency variation at 24 and
32 MHz (trimmed)
––
±2
%
2 V
 VDD  5.5 V, and
–25 °C
 TA  85 °C
SID223A
FIMOTOLVCCD
Frequency variation at 24 and
32 MHz (trimmed)
±4
%
All other conditions
SID226
TSTARTIMO
IMO startup time
7
µs
SID228
TJITRMSIMO2
RMS jitter at 24 MHz
145
ps
Table 23. ILO DC Specifications
(Guaranteed by Design)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID231[13] IILO1
ILO operating current
0.3
1.05
µA
SID233[13] IILOLEAK
ILO leakage current
2
15
nA
Table 24. ILO AC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID234[13] TSTARTILO1
ILO startup time
2
ms
SID236[13] TILODUTY
ILO duty cycle
40
50
60
%
SID237
FILOTRIM1
ILO frequency range
20
40
80
kHz




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl