Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C4247AZI-L423 Fiches technique(PDF) 28 Page - Cypress Semiconductor

No de pièce CY8C4247AZI-L423
Description  Programmable System-on-Chip
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4247AZI-L423 Fiches technique(HTML) 28 Page - Cypress Semiconductor

Back Button CY8C4247AZI-L423 Datasheet HTML 24Page - Cypress Semiconductor CY8C4247AZI-L423 Datasheet HTML 25Page - Cypress Semiconductor CY8C4247AZI-L423 Datasheet HTML 26Page - Cypress Semiconductor CY8C4247AZI-L423 Datasheet HTML 27Page - Cypress Semiconductor CY8C4247AZI-L423 Datasheet HTML 28Page - Cypress Semiconductor CY8C4247AZI-L423 Datasheet HTML 29Page - Cypress Semiconductor CY8C4247AZI-L423 Datasheet HTML 30Page - Cypress Semiconductor CY8C4247AZI-L423 Datasheet HTML 31Page - Cypress Semiconductor CY8C4247AZI-L423 Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
PSoC® 4: PSoC 4200-L Family
Datasheet
Document Number: 001-91686 Rev. *E
Page 28 of 46
SPI Specifications
Table 22. Fixed SPI DC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
SID163
ISPI1
Block current consumption at 1 Mbits/sec
360
µA
SID164
ISPI2
Block current consumption at 4 Mbits/sec
560
µA
SID165
ISPI3
Block current consumption at 8 Mbits/sec
600
µA
Table 23. Fixed SPI AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
SID166
FSPI
SPI operating frequency (master; 6X
oversampling)
––
8
MHz
Table 24. Fixed SPI Master Mode AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
SID167
TDMO
MOSI valid after Sclock driving edge
15
ns
SID168
TDSI
MISO valid before Sclock capturing edge.
Full clock, late MISO Sampling used
20
ns
SID169
THMO
Previous MOSI data hold time with respect
to capturing edge at Slave
0–
ns
Table 25. Fixed SPI Slave mode AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
SID170
TDMI
MOSI valid before Sclock capturing edge
40
ns
SID171
TDSO
MISO valid after Sclock driving edge
42 + 3 ×
FCPU
ns
SID171A
TDSO_ext
MISO valid after Sclock driving edge in Ext.
Clock mode
48
ns
SID172
THSO
Previous MISO data hold time
0
ns
SID172A
TSSELSCK
SSEL Valid to first SCK Valid edge
100
ns


Numéro de pièce similaire - CY8C4247AZI-L423

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C4247AZI-M475 CYPRESS-CY8C4247AZI-M475 Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C4247AZI-M485 CYPRESS-CY8C4247AZI-M485 Datasheet
3Mb / 42P
   Programmable System-on-Chip
More results

Description similaire - CY8C4247AZI-L423

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
   Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C29466 CYPRESS-CY8C29466_10 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36_10 Datasheet
3Mb / 112P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com