Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


CY8C4128FNI-BL473 Datasheet(Fiches technique) 38 Page - Cypress Semiconductor

Numéro de pièce CY8C4128FNI-BL473
Description  Programmable System-on-Chip
Télécharger  47 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo 

 38 page
background image
PRELIMINARY
PSoC® 4: PSoC 4XX8_BLE
Family Datasheet
Document Number: 001-94624 Rev. *K
Page 38 of 47
PSoC 4 devices follow the part numbering convention described in the following table. All fields are single-character alphanumeric (0,
1, 2, …, 9, A,B, …, Z) unless stated otherwise.
Ordering Code Definitions
The Field Values are listed in the following table:
Architecture
Cypress Prefix
Family within Architecture
Speed Grade
Flash Capacity
Package Code
Temperature Range
Attributes Code
4: PSoC 4
4: 48 MHz
8 : 256 KB
LQ : QFN
I : Industrial
Example
CY8C 4 A
E
D
C
BF
Y
X
-Z
2 : 4200 Family
CY8 C
XYZ : Attributes
Field
Description
Values
Meaning
CY8C
Cypress Prefix
4
Architecture
4
PSoC 4
A
Family within architecture
1
4100-BLE Family
2
4200-BLE Family
B
CPU Speed
2
24 MHz
4
48 MHz
C
Flash Capacity
8, 7
256, 128 KB
DE
Package Code
FN
WLCSP
LQ
QFN
FL
Thin WLCSP
F
Temperature Range
I
Industrial
XYZ
Attributes Code
000-999
Code of feature set in specific family




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl