Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C4128LQI-BL473 Fiches technique(PDF) 30 Page - Cypress Semiconductor

No de pièce CY8C4128LQI-BL473
Description  Programmable System-on-Chip
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4128LQI-BL473 Fiches technique(HTML) 30 Page - Cypress Semiconductor

Back Button CY8C4128LQI-BL473 Datasheet HTML 26Page - Cypress Semiconductor CY8C4128LQI-BL473 Datasheet HTML 27Page - Cypress Semiconductor CY8C4128LQI-BL473 Datasheet HTML 28Page - Cypress Semiconductor CY8C4128LQI-BL473 Datasheet HTML 29Page - Cypress Semiconductor CY8C4128LQI-BL473 Datasheet HTML 30Page - Cypress Semiconductor CY8C4128LQI-BL473 Datasheet HTML 31Page - Cypress Semiconductor CY8C4128LQI-BL473 Datasheet HTML 32Page - Cypress Semiconductor CY8C4128LQI-BL473 Datasheet HTML 33Page - Cypress Semiconductor CY8C4128LQI-BL473 Datasheet HTML 34Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
PRELIMINARY
PSoC® 4: PSoC 4XX8_BLE
Family Datasheet
Document Number: 001-94624 Rev. *K
Page 30 of 47
System Resources
Power-on-Reset (POR)
Note
5. It can take as much as 20 milliseconds to write to flash. During this time, the device should not be reset, or flash operations will be interrupted and cannot be relied
on to have completed. Reset sources include the XRES pin, software resets, CPU lockup states and privilege violations, improper power supply levels, and watchdogs.
Make certain that these are not inadvertently activated.
Table 38. Flash AC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID250
TROWWRITE[5]
Row (block) write time (erase and
program)
20
ms
Row (block) = 256 bytes
SID251
TROWERASE[5]
Row erase time
13
ms
SID252
TROWPROGRAM[5] Row program time after erase
7
ms
SID253
TBULKERASE[5]
Bulk erase time (256 KB)
35
ms
SID254
TDEVPROG[5]
Total device program time
50
seconds For 256 KB
SID255
FEND
Flash endurance
100 K
cycles
SID256
FRET
Flash retention. TA  55 °C, 100 K
P/E cycles
20
years
SID257
FRET2
Flash retention. TA  85 °C, 10 K
P/E cycles
10
years
Table 39. POR DC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID258
VRISEIPOR
Rising trip voltage
0.80
1.45
V
SID259
VFALLIPOR
Falling trip voltage
0.75
1.40
V
SID260
VIPORHYST
Hysteresis
15
200
mV
Table 40. POR AC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID264
TPPOR_TR
PPOR response time in Active
and Sleep modes
––1
µs
Table 41. Brown-Out Detect
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID261
VFALLPPOR
BOD trip voltage in Active and Sleep
modes
1.64
V
SID262
VFALLDPSLP
BOD trip voltage in Deep Sleep mode
1.4
V
Table 42. Hibernate Reset
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID263
VHBRTRIP
BOD trip voltage in Hibernate mode
1.1
V


Numéro de pièce similaire - CY8C4128LQI-BL473

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C4128LQI-BL473 CYPRESS-CY8C4128LQI-BL473 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
CY8C4128LQI-BL473 CYPRESS-CY8C4128LQI-BL473 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
More results

Description similaire - CY8C4128LQI-BL473

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C29466 CYPRESS-CY8C29466_10 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36_10 Datasheet
3Mb / 112P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com