Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C4125AXI-M445 Fiches technique(PDF) 33 Page - Cypress Semiconductor

No de pièce CY8C4125AXI-M445
Description  Programmable System-on-Chip
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4125AXI-M445 Fiches technique(HTML) 33 Page - Cypress Semiconductor

Back Button CY8C4125AXI-M445 Datasheet HTML 29Page - Cypress Semiconductor CY8C4125AXI-M445 Datasheet HTML 30Page - Cypress Semiconductor CY8C4125AXI-M445 Datasheet HTML 31Page - Cypress Semiconductor CY8C4125AXI-M445 Datasheet HTML 32Page - Cypress Semiconductor CY8C4125AXI-M445 Datasheet HTML 33Page - Cypress Semiconductor CY8C4125AXI-M445 Datasheet HTML 34Page - Cypress Semiconductor CY8C4125AXI-M445 Datasheet HTML 35Page - Cypress Semiconductor CY8C4125AXI-M445 Datasheet HTML 36Page - Cypress Semiconductor CY8C4125AXI-M445 Datasheet HTML 37Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
PSoC® 4: PSoC 4100M Family
Datasheet
Document Number: 001-96519 Rev. *E
Page 33 of 41
Packaging
The description of the PSoC4100M package dimensions follows.
Spec ID#
Package
Description
Package Dwg #
PKG_1
68-pin QFN
68 QFN, 8 mm x 8 mm x 1.0 mm height
with 0.4 mm pitch
001-09618
PKG_2
64-pin TQFP
64 TQFP, 10 mm x10 mm x 1.4 mm
height with 0.5 mm pitch
51-85051
PKG_4
64-pin TQFP
64 TQFP, 14 mm x14 mm x 1.4 mm
height with 0.8 mm pitch
51-85046
PKG_5
48-pin TQFP
48 TQFP, 7 mm x 7 mm x 1.4 mm height
with 0.5 mm pitch
51-85135
PKG_6
44-pin TQFP
44 TQFP, 10 mm x 10 mm x 1.4 mm
height with 0.8 mm pitch
51-85064
Table 40. Package Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Units
TA
Operating ambient temperature
–40
25
85
°C
TJ
Operating junction temperature
–40
100
°C
TJA
Package θJA (68-pin QFN)
16.8
°C/Watt
TJC
Package θJC (68-pin QFN)
2.9
°C/Watt
TJA
Package θJA (64-pin TQFP, 0.5-mm pitch)
56
°C/Watt
TJC
Package θJC (64-pin TQFP, 0.5-mm pitch)
19.5
°C/Watt
TJA
Package θJA (64-pin TQFP, 0.8-mm pitch)
66.4
°C/Watt
TJC
Package θJC (64-pin TQFP, 0.8-mm pitch)
18.2
°C/Watt
TJA
Package θJA (48-pin TQFP, 0.5-mm pitch)
67.3
°C/Watt
TJC
Package θJC (48-pin TQFP, 0.5-mm pitch)
30.4
°C/Watt
TJA
Package θJA (44-pin TQFP, 0.8-mm pitch)
57
°C/Watt
TJC
Package θJC (44-pin TQFP, 0.8-mm pitch)
25.9
°C/Watt
Table 41. Solder Reflow Peak Temperature
Package
Maximum Peak Temperature
Maximum Time at Peak Temperature
All packages
260 °C
30 seconds
Table 42. Package Moisture Sensitivity Level (MSL), IPC/JEDEC J-STD-2
Package
MSL
All packages
MSL 3


Numéro de pièce similaire - CY8C4125AXI-M445

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C4125AXI-473 CYPRESS-CY8C4125AXI-473 Datasheet
987Kb / 43P
   Programmable System-on-Chip (PSoC짰)
CY8C4125AXI-483 CYPRESS-CY8C4125AXI-483 Datasheet
987Kb / 43P
   Programmable System-on-Chip (PSoC짰)
More results

Description similaire - CY8C4125AXI-M445

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
   Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C29466 CYPRESS-CY8C29466_10 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36_10 Datasheet
3Mb / 112P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com