Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C4127LQI-BL473 Fiches technique(PDF) 21 Page - Cypress Semiconductor

No de pièce CY8C4127LQI-BL473
Description  Programmable System-on-Chip
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4127LQI-BL473 Fiches technique(HTML) 21 Page - Cypress Semiconductor

Back Button CY8C4127LQI-BL473 Datasheet HTML 17Page - Cypress Semiconductor CY8C4127LQI-BL473 Datasheet HTML 18Page - Cypress Semiconductor CY8C4127LQI-BL473 Datasheet HTML 19Page - Cypress Semiconductor CY8C4127LQI-BL473 Datasheet HTML 20Page - Cypress Semiconductor CY8C4127LQI-BL473 Datasheet HTML 21Page - Cypress Semiconductor CY8C4127LQI-BL473 Datasheet HTML 22Page - Cypress Semiconductor CY8C4127LQI-BL473 Datasheet HTML 23Page - Cypress Semiconductor CY8C4127LQI-BL473 Datasheet HTML 24Page - Cypress Semiconductor CY8C4127LQI-BL473 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
PRELIMINARY
PSoC® 4: PSoC 4XX8_BLE
Family Datasheet
Document Number: 001-94624 Rev. *K
Page 21 of 47
GPIO
Note
2. VIH must not exceed VDDD + 0.2 V.
Table 8. GPIO DC Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID58
VIH
Input voltage HIGH threshold
0.7 × VDD
V
CMOS input
SID59
VIL
Input voltage LOW threshold
0.3 × VDD
V
CMOS input
SID60
VIH
LVTTL input, VDD < 2.7 V
0.7 × VDD
-
V
SID61
VIL
LVTTL input, VDD < 2.7 V
0.3× VDD
V–
SID62
VIH
LVTTL input, VDD >= 2.7 V
2.0
-
V
SID63
VIL
LVTTL input, VDD >= 2.7 V
0.8
V
SID64
VOH
Output voltage HIGH level
VDD –0.6
V
Ioh = 4-mA at 3.3-V VDD
SID65
VOH
Output voltage HIGH level
VDD –0.5
V
Ioh = 1-mA at 1.8-V VDD
SID66
VOL
Output voltage LOW level
0.6
V
Iol = 8-mA at 3.3-V VDD
SID67
VOL
Output voltage LOW level
0.6
V
Iol = 4-mA at 1.8-V VDD
SID68
VOL
Output voltage LOW level
0.4
V
Iol = 3-mA at 3.3-V VDD
SID69
Rpullup
Pull-up resistor
3.5
5.6
8.5
kΩ
SID70
Rpulldown
Pull-down resistor
3.5
5.6
8.5
kΩ
SID71
IIL
Input leakage current (absolute
value)
2
nA
25 °C, VDD = 3.3 V
SID72
IIL_CTBM
Input leakage on CTBm input pins
4
nA
SID73
CIN
Input capacitance
7
pF
SID74
Vhysttl
Input hysteresis LVTTL
25
40
mV
VDD > 2.7 V
SID75
Vhyscmos
Input hysteresis CMOS
0.05 × VDD
mV
SID76
Idiode
Current through protection diode to
VDD/VSS
100
µA
SID77
ITOT_GPIO
Maximum total source or sink chip
current
200
mA
Table 9. GPIO AC Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID78
TRISEF
Rise time in Fast-Strong mode
2
12
ns
3.3-V VDDD,
CLOAD = 25-pF
SID79
TFALLF
Fall time in Fast-Strong mode
2
12
ns
3.3-V VDDD,
CLOAD = 25-pF
SID80
TRISES
Rise time in Slow-Strong mode
10
60
3.3-V VDDD,
CLOAD = 25-pF
SID81
TFALLS
Fall time in Slow-Strong mode
10
60
3.3-V VDDD,
CLOAD = 25-pF
SID82
FGPIOUT1
GPIO Fout; 3.3 V
 VDD 5.5 V.
Fast-Strong mode
––
33
MHz
90/10%, 25-pF load, 60/40
duty cycle
SID83
FGPIOUT2
GPIO Fout; 1.7 V
VDD 3.3 V.
Fast-Strong mode
16.7
MHz
90/10%, 25-pF load, 60/40
duty cycle
SID84
FGPIOUT3
GPIO Fout; 3.3 V
VDD 5.5 V.
Slow-Strong mode
––
7
MHz
90/10%, 25-pF load, 60/40
duty cycle
SID85
FGPIOUT4
GPIO Fout; 1.7 V
VDD 3.3 V.
Slow-Strong mode
––
3.5
MHz
90/10%, 25-pF load, 60/40
duty cycle
SID86
FGPIOIN
GPIO input operating frequency;
1.71 V
VDD 5.5 V
48
MHz
90/10% VIO


Numéro de pièce similaire - CY8C4127LQI-BL473

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C4127LQI-BL473 CYPRESS-CY8C4127LQI-BL473 Datasheet
641Kb / 47P
   Programmable System-on-Chip (PSoC짰)
CY8C4127LQI-BL473 CYPRESS-CY8C4127LQI-BL473 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
CY8C4127LQI-BL473 CYPRESS-CY8C4127LQI-BL473 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
More results

Description similaire - CY8C4127LQI-BL473

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C29466 CYPRESS-CY8C29466_10 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36_10 Datasheet
3Mb / 112P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com