Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB95F818K Fiches technique(PDF) 9 Page - Cypress Semiconductor

No de pièce MB95F818K
Description  New 8FX 8-bit Microcontrollers
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F818K Fiches technique(HTML) 9 Page - Cypress Semiconductor

Back Button MB95F818K Datasheet HTML 5Page - Cypress Semiconductor MB95F818K Datasheet HTML 6Page - Cypress Semiconductor MB95F818K Datasheet HTML 7Page - Cypress Semiconductor MB95F818K Datasheet HTML 8Page - Cypress Semiconductor MB95F818K Datasheet HTML 9Page - Cypress Semiconductor MB95F818K Datasheet HTML 10Page - Cypress Semiconductor MB95F818K Datasheet HTML 11Page - Cypress Semiconductor MB95F818K Datasheet HTML 12Page - Cypress Semiconductor MB95F818K Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 121 page
background image
MB95810K Series
Document Number: 002-04694 Rev. *A
Page 9 of 121
39
P24
F
General-purpose I/O port
Hysteresis
CMOS
EC0
8/16-bit composite timer ch. 0 clock input
pin
40
P50
H
General-purpose I/O port
CMOS
CMOS
SCL
I2C bus interface ch. 0 clock I/O pin
41
P51
H
General-purpose I/O port
CMOS
CMOS
SDA
I2C bus interface ch. 0 data I/O pin
42
P52
F
General-purpose I/O port
Hysteresis
CMOS
PPG1
16-bit PPG timer ch. 1 output pin
43
P53
F
General-purpose I/O port
Hysteresis
CMOS
TRG1
16-bit PPG timer ch. 1 trigger input pin
44
P60
F
General-purpose I/O port
Hysteresis
CMOS
PPG10
8/16-bit PPG ch. 1 output pin
45
P61
F
General-purpose I/O port
Hysteresis
CMOS
PPG11
8/16-bit PPG ch. 1 output pin
46
P62
F
General-purpose I/O port
Hysteresis
CMOS
TO10
8/16-bit composite timer ch. 1 output pin
47
P63
F
General-purpose I/O port
Hysteresis
CMOS
TO11
8/16-bit composite timer ch. 1 output pin
48
P64
F
General-purpose I/O port
Hysteresis
CMOS
EC1
8/16-bit composite timer ch. 1 clock input
pin
49
P65
F
General-purpose I/O port
Hysteresis
CMOS
SCK
LIN-UART clock I/O pin
50
P66
F
General-purpose I/O port
Hysteresis
CMOS
SOT
LIN-UART data output pin
51
P67
I
General-purpose I/O port
CMOS
CMOS
SIN
LIN-UART data input pin
52
P43
E
General-purpose I/O port
Hysteresis/
analog
CMOS
AN11
8/10-bit A/D converter analog input pin
53
P42
E
General-purpose I/O port
Hysteresis/
analog
CMOS
AN10
8/10-bit A/D converter analog input pin
54
P41
E
General-purpose I/O port
Hysteresis/
analog
CMOS
AN09
8/10-bit A/D converter analog input pin
55
P40
E
General-purpose I/O port
Hysteresis/
analog
CMOS
AN08
8/10-bit A/D converter analog input pin
Pin no.
Pin name
I/O circuit
type*1
Function
I/O type
Input
Output OD*2 PU*3


Numéro de pièce similaire - MB95F818K

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
MB95F856K CYPRESS-MB95F856K Datasheet
5Mb / 172P
   The MB95850K/860K/870K Series is a series of general-purpose, single-chip microcontrollers. In addition to a compact instruction set, the microcontrollers of these series contain a variety of peripheral functions.
MB95F856KPF-G-SNE2 CYPRESS-MB95F856KPF-G-SNE2 Datasheet
5Mb / 172P
   The MB95850K/860K/870K Series is a series of general-purpose, single-chip microcontrollers. In addition to a compact instruction set, the microcontrollers of these series contain a variety of peripheral functions.
MB95F856KPFT-G-SNE2 CYPRESS-MB95F856KPFT-G-SNE2 Datasheet
5Mb / 172P
   The MB95850K/860K/870K Series is a series of general-purpose, single-chip microcontrollers. In addition to a compact instruction set, the microcontrollers of these series contain a variety of peripheral functions.
MB95F866KPMC-G-SNE2 CYPRESS-MB95F866KPMC-G-SNE2 Datasheet
5Mb / 172P
   The MB95850K/860K/870K Series is a series of general-purpose, single-chip microcontrollers. In addition to a compact instruction set, the microcontrollers of these series contain a variety of peripheral functions.
MB95F876KPMC-G-SNE2 CYPRESS-MB95F876KPMC-G-SNE2 Datasheet
5Mb / 172P
   The MB95850K/860K/870K Series is a series of general-purpose, single-chip microcontrollers. In addition to a compact instruction set, the microcontrollers of these series contain a variety of peripheral functions.
More results

Description similaire - MB95F818K

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
MB95410H CYPRESS-MB95410H Datasheet
2Mb / 85P
   New 8FX 8-bit Microcontrollers
MB95560H CYPRESS-MB95560H Datasheet
6Mb / 89P
   New 8FX 8-bit Microcontrollers
MB95260H CYPRESS-MB95260H Datasheet
2Mb / 92P
   New 8FX 8-bit Microcontrollers
MB95710M CYPRESS-MB95710M Datasheet
12Mb / 173P
   New 8FX 8-bit Microcontrollers
MB95690K CYPRESS-MB95690K Datasheet
4Mb / 129P
   New 8FX 8-bit Microcontrollers
MB95F394H CYPRESS-MB95F394H Datasheet
2Mb / 72P
   CMOS F2MC-8FX MB95390H Series 8-bit Microcontrollers
MB95200H CYPRESS-MB95200H Datasheet
2Mb / 66P
   F2MC-8FX 8-bit Microcontroller
MB95220H CYPRESS-MB95220H Datasheet
2Mb / 58P
   F2MC-8FX 8-bit Microcontroller
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com