Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB3773 Fiches technique(PDF) 11 Page - Cypress Semiconductor

No de pièce MB3773
Description  Power Supply Monitor with Watch-Dog Timer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3773 Fiches technique(HTML) 11 Page - Cypress Semiconductor

Back Button MB3773 Datasheet HTML 7Page - Cypress Semiconductor MB3773 Datasheet HTML 8Page - Cypress Semiconductor MB3773 Datasheet HTML 9Page - Cypress Semiconductor MB3773 Datasheet HTML 10Page - Cypress Semiconductor MB3773 Datasheet HTML 11Page - Cypress Semiconductor MB3773 Datasheet HTML 12Page - Cypress Semiconductor MB3773 Datasheet HTML 13Page - Cypress Semiconductor MB3773 Datasheet HTML 14Page - Cypress Semiconductor MB3773 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
MB3773
Document Number: 002-08513 Rev. *A
Page 11 of 31
8. Typical Characteristic Curves
(Continued)
6.0
5.0
4.0
3.0
2.0
1.0
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Ta
= + 85 °C
Ta
= + 25 °C
Ta
= − 40 °C
4.50
4.44
4.30
4.20
4.10
4.00
−40 −20
0
+20
+40
+60
+80 +100
VSH
VSL
400
300
200
0
2.0
10.0 12.0 14.0 16.0
4.0
6.0
8.0
18.0
100
CT
= 0.1μF
Ta
= + 85 °C
Ta
= − 40 °C
Ta
= + 25 °C
400
300
200
100
0
2.0
10.0 12.0 14.0 16.0
4.0
6.0
8.0
18.0
CT
= 0.1μF
Ta
= −40 °C
Ta
= +25 °C
Ta
= +85 °C
500
(RESET, RESET terminal)
Supply current vs. Supply voltage
Supply voltage VCC (V)
Supply voltage VCC (V)
Output voltage vs. Supply voltage
(RESET terminal)
Supply voltage VCC (V)
Pull up 2.2 kΩ
Output voltage vs. Supply voltage
(RESET terminal)
Detection voltage (VSH, VSL) vs.
Operating ambient temperature
Operating ambient temperature Ta (°C)
Output saturation voltage
vs. Output sink current
(RESET terminal)
Output sink current IOL2 (mA)
Output saturation voltage
vs. Output sink current
(RESET terminal)
Output sink current IOL8 (mA)
Pull up 2.2 kΩ
0.65
0.75
0.55
0.45
0.35
0.25
0.15
0
4.0
2.0
6.0
8.0 10.0 12.0 14.0 16.0 18.0 20.0
Ta
= − 40 °C
Ta
= − 40 °C
Ta
= + 25 °C
Ta
= + 85 °C
CT
= 0.1 μF
Ta
= + 25 °C
Ta
= + 85 °C
6.0
5.0
4.0
3.0
2.0
1.0
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Ta
= − 40
°C, + 25 °C, + 85 °C


Numéro de pièce similaire - MB3773

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB3773 FUJITSU-MB3773 Datasheet
601Kb / 29P
   Power Supply Monitor with Watch-Dog Timer
More results

Description similaire - MB3773

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB3773 FUJITSU-MB3773 Datasheet
601Kb / 29P
   Power Supply Monitor with Watch-Dog Timer
logo
Analog Microelectronics
AME8510 AME-AME8510 Datasheet
65Kb / 10P
   Micropower uP Watch Dog Timer
AME8510 AME-AME8510 Datasheet
183Kb / 13P
   Micropower UP Watch Dog Timer
logo
Rohm
BD39001EKV-C ROHM-BD39001EKV-C Datasheet
1Mb / 56P
   Buck-Boost Switching Regulator Watch Dog Timer
BD39002EFV-C ROHM-BD39002EFV-C Datasheet
1Mb / 47P
   Buck-Boost Switching Regulator Watch Dog Timer
logo
Mitsumi Electronics, Co...
MM1099 MITSUMI-MM1099 Datasheet
171Kb / 7P
   System Reset (Built-in Watch Dog Timer)
logo
Linear Technology
LTC2900 LINER-LTC2900 Datasheet
199Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer
LTC2900 LINER-LTC2900_15 Datasheet
210Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer
LTC2902 LINER-LTC2902 Datasheet
179Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Integrated Syste...
LTC2902 LINEAR-LTC2902 Datasheet
176Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com