Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CYW20733A3KFB1G Fiches technique(PDF) 44 Page - Cypress Semiconductor

No de pièce CYW20733A3KFB1G
Description  Single-Chip Bluetooth Transceiver Wireless Input Devices
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW20733A3KFB1G Fiches technique(HTML) 44 Page - Cypress Semiconductor

Back Button CYW20733A3KFB1G Datasheet HTML 40Page - Cypress Semiconductor CYW20733A3KFB1G Datasheet HTML 41Page - Cypress Semiconductor CYW20733A3KFB1G Datasheet HTML 42Page - Cypress Semiconductor CYW20733A3KFB1G Datasheet HTML 43Page - Cypress Semiconductor CYW20733A3KFB1G Datasheet HTML 44Page - Cypress Semiconductor CYW20733A3KFB1G Datasheet HTML 45Page - Cypress Semiconductor CYW20733A3KFB1G Datasheet HTML 46Page - Cypress Semiconductor CYW20733A3KFB1G Datasheet HTML 47Page - Cypress Semiconductor CYW20733A3KFB1G Datasheet HTML 48Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 67 page
background image
Document No. 002-14859 Rev. *R
Page 44 of 67
CYW20733
■ PCM Electrical Timing Slave—Long Frame Sync
■ PCM Electrical Timing Master—Long Frame Sync
■ PCM Electrical Timing Burst (Slave Rx Only)—Long Frame Sync
Note: The TX and RX timings are combined on the same diagram. The CYW20733 can only either transmit or receive in a given slot.
PCM Electrical Timing Slave — Short Frame Sync
Figure 18. PCM Electrical Timing Slave—Short Frame Sync Diagram
Table 31. PCM Electrical Timing Slave—Short Frame Sync Characteristics
Reference
Characteristics
Minimum
Typical
Maximum
Unit
1
PCM bit clock frequency
12
MHz
2
PCM bit clock low time
41
ns
3
PCM bit clock high time
41
ns
4
PCM_SYNC setup time
8
ns
5
PCM_SYNC hold time
8
ns
6
PCM_OUT delay
0
25
ns
7
PCM_IN setup
8
ns
8
PCM_IN hold
8
ns
9
Delay from rising edge of PCM_BCLK during last bit
period to PCM_OUT becoming high impedance
0
25
ns
PCM_BCLK
PCM_SYNC
PCM_OUT
1
2
3
4
5
6
PCM_IN
7
9
High impedance
8
Bit 15 (Previous Frame)
Bit 15 (Previous Frame)
Bit 0
Bit 0


Numéro de pièce similaire - CYW20733A3KFB1G

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CYW20730 CYPRESS-CYW20730 Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20730A1KFBG CYPRESS-CYW20730A1KFBG Datasheet
1Mb / 62P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20730A1KFBG CYPRESS-CYW20730A1KFBG Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20730A1KFBGT CYPRESS-CYW20730A1KFBGT Datasheet
1Mb / 62P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20730A1KFBGT CYPRESS-CYW20730A1KFBGT Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
More results

Description similaire - CYW20733A3KFB1G

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CYW20730 CYPRESS-CYW20730 Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
BCM20730 CYPRESS-BCM20730 Datasheet
1Mb / 62P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20735 CYPRESS-CYW20735 Datasheet
4Mb / 55P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20734 CYPRESS-CYW20734 Datasheet
4Mb / 51P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
   Bluetooth SoC for Embedded Wireless Devices
BCM20713A1KUBXGT CYPRESS-BCM20713A1KUBXGT Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20705 CYPRESS-BCM20705 Datasheet
1Mb / 67P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20713A1KUFBXG CYPRESS-BCM20713A1KUFBXG Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20705 CYPRESS-CYW20705 Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20704 CYPRESS-CYW20704 Datasheet
4Mb / 49P
   Single-Chip Bluetooth Transceiver and Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com