Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CYW20733A3KFB1G Fiches technique(PDF) 34 Page - Cypress Semiconductor

No de pièce CYW20733A3KFB1G
Description  Single-Chip Bluetooth Transceiver Wireless Input Devices
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW20733A3KFB1G Fiches technique(HTML) 34 Page - Cypress Semiconductor

Back Button CYW20733A3KFB1G Datasheet HTML 30Page - Cypress Semiconductor CYW20733A3KFB1G Datasheet HTML 31Page - Cypress Semiconductor CYW20733A3KFB1G Datasheet HTML 32Page - Cypress Semiconductor CYW20733A3KFB1G Datasheet HTML 33Page - Cypress Semiconductor CYW20733A3KFB1G Datasheet HTML 34Page - Cypress Semiconductor CYW20733A3KFB1G Datasheet HTML 35Page - Cypress Semiconductor CYW20733A3KFB1G Datasheet HTML 36Page - Cypress Semiconductor CYW20733A3KFB1G Datasheet HTML 37Page - Cypress Semiconductor CYW20733A3KFB1G Datasheet HTML 38Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 67 page
background image
Document No. 002-14859 Rev. *R
Page 34 of 67
CYW20733
Table 17. ADC Specifications
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
ADC Characteristics
Number of Input channels
28
Channel switching rate
fch
––
187
kHz
Input signal range
Vinp
–0
3.63
V
Reference settling time
7.5
s
Input resistance
Rinp
Single-ended, input range of 0–1.2V
680
k
Single-ended, input range of 0–2.4V
1.84
M
Single-ended, input range of 0–3.6V
3
M
Input capacitance
Cinp
––
5
pF
Conversion rate
fC
5.859
187
kHz
Resolution
R
16
bits
Effective number of bits
In guaranteed performance range
See
Table 7
on page 14
–bits
Absolute voltage measurement
error
Using on-chip ADC firmware driver
±2
%
Integral nonlinearity1
INL
In guaranteed performance range
–1
1
LSB1
Differential nonlinearity1
DNL
In guaranteed performance range
–1
1
LSB1
Notes:
1. LSBs are expressed at the 10-bit level.
Table 18. Integrated Audio Amplifier Electrical Specifications
Parameter
Conditions
Min
Typ
Max
Unit
Analog supply voltage
2.9
3.0
3.1
V
Digital supply voltage
1.08
1.2
1.32
V
Quiescent current
Zero digital input
–2–mA
Power down current
0.5
A
Output power
RL = 8Ω
200
240
mW
Maximum efficiency
At 200 mW output power
70
%
Dynamic range (DR)
At –60 dBFs input
65
68
dB
Signal-to-noise plus distortion ratio
(SNDR)
At 200 mW output power
40
dB
Table 19. Digital Levela
a. This table is also applicable to VDDMEM domain.
Characteristics
Symbol
Min
Typ
Max
Unit
Input low voltage
VIL
––
0.4
V
Input high voltage
VIH
0.75 × VDDO
V
Input low voltage (VDDO = 1.62V)
VIL
––
0.4
V
Input high voltage (VDDO = 1.62V)
VIH
1.2
––V
Output low voltageb
b. At the specified drive current for the pad.
VOL
––
0.4
V
Output high voltageb
VOH
VDDO – 0.4
––V
Input capacitance (VDDMEM domain)
CIN
–0.12
pF


Numéro de pièce similaire - CYW20733A3KFB1G

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CYW20730 CYPRESS-CYW20730 Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20730A1KFBG CYPRESS-CYW20730A1KFBG Datasheet
1Mb / 62P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20730A1KFBG CYPRESS-CYW20730A1KFBG Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20730A1KFBGT CYPRESS-CYW20730A1KFBGT Datasheet
1Mb / 62P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20730A1KFBGT CYPRESS-CYW20730A1KFBGT Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
More results

Description similaire - CYW20733A3KFB1G

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CYW20730 CYPRESS-CYW20730 Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
BCM20730 CYPRESS-BCM20730 Datasheet
1Mb / 62P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20735 CYPRESS-CYW20735 Datasheet
4Mb / 55P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20734 CYPRESS-CYW20734 Datasheet
4Mb / 51P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
   Bluetooth SoC for Embedded Wireless Devices
BCM20713A1KUBXGT CYPRESS-BCM20713A1KUBXGT Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20705 CYPRESS-BCM20705 Datasheet
1Mb / 67P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20713A1KUFBXG CYPRESS-BCM20713A1KUFBXG Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20705 CYPRESS-CYW20705 Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20704 CYPRESS-CYW20704 Datasheet
4Mb / 49P
   Single-Chip Bluetooth Transceiver and Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com