Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCM20730A1KFBG Fiches technique(PDF) 46 Page - Cypress Semiconductor

No de pièce BCM20730A1KFBG
Description  Single-Chip Bluetooth Transceiver for Wireless Input Devices
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20730A1KFBG Fiches technique(HTML) 46 Page - Cypress Semiconductor

Back Button BCM20730A1KFBG Datasheet HTML 42Page - Cypress Semiconductor BCM20730A1KFBG Datasheet HTML 43Page - Cypress Semiconductor BCM20730A1KFBG Datasheet HTML 44Page - Cypress Semiconductor BCM20730A1KFBG Datasheet HTML 45Page - Cypress Semiconductor BCM20730A1KFBG Datasheet HTML 46Page - Cypress Semiconductor BCM20730A1KFBG Datasheet HTML 47Page - Cypress Semiconductor BCM20730A1KFBG Datasheet HTML 48Page - Cypress Semiconductor BCM20730A1KFBG Datasheet HTML 49Page - Cypress Semiconductor BCM20730A1KFBG Datasheet HTML 50Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
Electrical Characteristics
BROADCOM
September 9, 2013 • 20730-DS108-R
Page 45
®
BCM20730 Data Sheet
BROADCOM CONFIDENTIAL
Table 14: Current Consumption a
a. Current consumption measurements are taken at VBAT with the assumption that VBAT is connected to VDDIO
and LDOIN.
Operational Mode
Conditions
Typ
Max
Unit
Receive
Receiver and baseband are both operating, 100%
ON.
–26.6
mA
Transmit
Transmitter and baseband are both operating,
100% ON.
–24 at 2 dBm,
19 at 0 dBm
mA
DM1
Average current when the device is in the transmit
state, 100% utilization of available slots.
15.2
mA
DH1
Average current when the device is in the receive
state, 100% utilization of available slots.
16.67
mA
Sleep
Internal LPO is in use.
28.4
μA
HIDOFF
1.5
μA
Sniff mode, 11.25 ms Slave
2.8
mA
Sniff mode, 22.5 ms
Slave
1.27
mA
Sniff mode, 60 ms
Slave
750
μA
Sniff mode, 100 ms
Slave
500
μA
Sniff mode, 495 ms
Slave
125
μA
Caution! This device is susceptible to permanent damage from electrostatic discharge (ESD). Proper
precautions are required during handling and mounting to avoid excessive ESD.
Table 15: ESD Tolerance
Model
Tolerance
Human Body Model (HBM)
±
2000V
Charged Device Model (CDM)
±
400V
Machine Model (MM)
±
150V


Numéro de pièce similaire - BCM20730A1KFBG

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
BCM20730A1KFBG CYPRESS-BCM20730A1KFBG Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
BCM20730A1KFBGT CYPRESS-BCM20730A1KFBGT Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
More results

Description similaire - BCM20730A1KFBG

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CYW20730 CYPRESS-CYW20730 Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20735 CYPRESS-CYW20735 Datasheet
4Mb / 55P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20734 CYPRESS-CYW20734 Datasheet
4Mb / 51P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20733 CYPRESS-CYW20733 Datasheet
7Mb / 67P
   Single-Chip Bluetooth Transceiver Wireless Input Devices
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
   Bluetooth SoC for Embedded Wireless Devices
BCM20713A1KUBXGT CYPRESS-BCM20713A1KUBXGT Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20705 CYPRESS-BCM20705 Datasheet
1Mb / 67P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20713A1KUFBXG CYPRESS-BCM20713A1KUFBXG Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20705 CYPRESS-CYW20705 Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20704 CYPRESS-CYW20704 Datasheet
4Mb / 49P
   Single-Chip Bluetooth Transceiver and Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com