Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCM20730A1KFBG Fiches technique(PDF) 35 Page - Cypress Semiconductor

No de pièce BCM20730A1KFBG
Description  Single-Chip Bluetooth Transceiver for Wireless Input Devices
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20730A1KFBG Fiches technique(HTML) 35 Page - Cypress Semiconductor

Back Button BCM20730A1KFBG Datasheet HTML 31Page - Cypress Semiconductor BCM20730A1KFBG Datasheet HTML 32Page - Cypress Semiconductor BCM20730A1KFBG Datasheet HTML 33Page - Cypress Semiconductor BCM20730A1KFBG Datasheet HTML 34Page - Cypress Semiconductor BCM20730A1KFBG Datasheet HTML 35Page - Cypress Semiconductor BCM20730A1KFBG Datasheet HTML 36Page - Cypress Semiconductor BCM20730A1KFBG Datasheet HTML 37Page - Cypress Semiconductor BCM20730A1KFBG Datasheet HTML 38Page - Cypress Semiconductor BCM20730A1KFBG Datasheet HTML 39Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 62 page
background image
Pin Descriptions
BROADCOM
September 9, 2013 • 20730-DS108-R
Page 34
®
BCM20730 Data Sheet
BROADCOM CONFIDENTIAL
32
39
B2
P12
Input
Floating VDDO
• GPIO: P12
• Keyboard scan output (column):
KSO4
• A/D converter input
• XTALO32K (32-QFN and 40-QFN
only)
Alternative Function:
• P26 in 32-QFN only
29
35
F3
P13
PWM3
Input
Floating VDDO
• GPIO: P13
• Keyboard scan output (column):
KSO5
• A/D converter input
•Triac control 3
Alternative Function:
• P28 in 32-QFN only
30
36
D3
P14
PWM2
Input
Floating VDDO
• GPIO: P14
• Keyboard scan output (column):
KSO6
• A/D converter input
•Triac control 4
Alternative Function:
• P38 in 32-QFN only
31
37
A2
P15
Input
Floating VDDO
• GPIO: P15
• Keyboard scan output (column):
KSO7
• A/D converter input
• IR_RX
•60Hz_main
C8
P16
Input
Floating VDDO
• GPIO: P16
• Keyboard scan output (column):
KSO8
H4
P17
Input
Floating VDDO
• GPIO: P17
• Keyboard scan output (column):
KSO9
• A/D converter input
C7
P18
Input
Floating VDDO
• GPIO: P18
• Keyboard scan output (column):
KSO10
• A/D converter input
Table 8: GPIO Pin Descriptionsa (Cont.)
Pin Number
Pin Name
Default
Direction
After
POR
Power
Domain Alternate Function Description
32-Pin
QFN
40-pin
QFN
64-pin
BGA


Numéro de pièce similaire - BCM20730A1KFBG

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
BCM20730A1KFBG CYPRESS-BCM20730A1KFBG Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
BCM20730A1KFBGT CYPRESS-BCM20730A1KFBGT Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
More results

Description similaire - BCM20730A1KFBG

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CYW20730 CYPRESS-CYW20730 Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20735 CYPRESS-CYW20735 Datasheet
4Mb / 55P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20734 CYPRESS-CYW20734 Datasheet
4Mb / 51P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20733 CYPRESS-CYW20733 Datasheet
7Mb / 67P
   Single-Chip Bluetooth Transceiver Wireless Input Devices
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
   Bluetooth SoC for Embedded Wireless Devices
BCM20713A1KUBXGT CYPRESS-BCM20713A1KUBXGT Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20705 CYPRESS-BCM20705 Datasheet
1Mb / 67P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20713A1KUFBXG CYPRESS-BCM20713A1KUFBXG Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20705 CYPRESS-CYW20705 Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20704 CYPRESS-CYW20704 Datasheet
4Mb / 49P
   Single-Chip Bluetooth Transceiver and Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com