Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCM20733A3KFB1G Fiches technique(PDF) 23 Page - Cypress Semiconductor

No de pièce BCM20733A3KFB1G
Description  Single-Chip Bluetooth Transceiver Wireless Input Devices
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20733A3KFB1G Fiches technique(HTML) 23 Page - Cypress Semiconductor

Back Button BCM20733A3KFB1G Datasheet HTML 19Page - Cypress Semiconductor BCM20733A3KFB1G Datasheet HTML 20Page - Cypress Semiconductor BCM20733A3KFB1G Datasheet HTML 21Page - Cypress Semiconductor BCM20733A3KFB1G Datasheet HTML 22Page - Cypress Semiconductor BCM20733A3KFB1G Datasheet HTML 23Page - Cypress Semiconductor BCM20733A3KFB1G Datasheet HTML 24Page - Cypress Semiconductor BCM20733A3KFB1G Datasheet HTML 25Page - Cypress Semiconductor BCM20733A3KFB1G Datasheet HTML 26Page - Cypress Semiconductor BCM20733A3KFB1G Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 67 page
background image
Document No. 002-14859 Rev. *R
Page 23 of 67
CYW20733
2. Pin Assignments
Table 12. Pin Descriptions
Pin Number
Pin Name
I/O
Power Do-
main
Description
81-pin
FBGA
121-pin
FBGA
56-pin
QFN
Radio I/O
D1
E1
9
RFP
I/O
VDDTF
RF antenna port
RF Power Supplies
B1
C1
6
VDDIF
I
VDDIF
IFPLL power supply
E1
F1
11
VDDLNA
I
VDDLNA
RF front-end supply
F1
G1
12
VDDRF
I
VDDRF
VCO, LOGEN supply
G1
H1
13
VDDPX
I
VDDPX
RFPLL and crystal oscillator supply
C1
D1
7
VDDTF
I
VDDTF
PA supply
Power Supplies
A3, J7
A2, L7
5
VDDC
I
VDDC
Baseband core supply
A7
B4, A8, E11
54
VDDO
I
VDDO
I/O pad and core supply
J6
L8
28
VDDM
I
VDDM
I/O pad supply
L3
VDD1P2
I
VDD1P2
Speaker differential clock conversion power supply
K10, L10
VDDSP
I
VDDSP
Speaker analog power supply
Ground
C2, D2, E2, F2,
G2, E3, F3, H3,
J3, E4, E5, E6,
E7
F8, H7, G7, F7,
H6, G6, H5, G5,
F5, H4, G4, J3,
H3, G3, K2, J2,
H2, G2, F2, E2,
D2
Center
paddle
VSS
I
VSS
Ground
K3
VSS1P2
I
Speaker differential clock conversion ground
J9, J10, J11
VSSSP
I
Speaker analog ground
Clock Generator and Crystal Interface
J1
K1
16
XTALI
I
VDDRF
Crystal oscillator input. See
“Crystal Oscillator”
on page 10 for options.
J2
L1
15
XTALO
O
VDDPX
Crystal oscillator output.
C2
TP1
I
VDDPX
XTAL divide by 2.
Connect to GND if main XTAL = 24 MHz.
H1
J1
14
RES
O
VDDPX
External calibration resistor, 15 k
 at 1%
B4
A3
XTALI32K
I
VDDPX
Low-power oscillator (LPO) input.
Alternate function:
P39 (FBGA-81 only)
D5
B3
XTALO32K
O
VDDPX
LPO output.
Alternate function:
P38 (FBGA-81 only)
Core
B2
C3
2
RESET_N
I/O PU VDDO
Active-low system reset with open-drain output
and internal pull-up resistor.
G3
B2
1
TMC
I
VDDO
Device test mode control.
Connect to GND for all applications.
H2
L2
17
TMA
I
VDDM
ARM JTAG debug mode control.
Connect to GND for all applications.
Speaker
L11
AMPLP
O
VDDSP
Speaker driver positive output
K11
AMPLN
O
VDDSP
Speaker driver negative output


Numéro de pièce similaire - BCM20733A3KFB1G

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
BCM20730 CYPRESS-BCM20730 Datasheet
1Mb / 62P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
BCM20730 CYPRESS-BCM20730 Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
BCM20730A1KFBG CYPRESS-BCM20730A1KFBG Datasheet
1Mb / 62P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
BCM20730A1KFBG CYPRESS-BCM20730A1KFBG Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
BCM20730A1KFBGT CYPRESS-BCM20730A1KFBGT Datasheet
1Mb / 62P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
More results

Description similaire - BCM20733A3KFB1G

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CYW20730 CYPRESS-CYW20730 Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
BCM20730 CYPRESS-BCM20730 Datasheet
1Mb / 62P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20735 CYPRESS-CYW20735 Datasheet
4Mb / 55P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20734 CYPRESS-CYW20734 Datasheet
4Mb / 51P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
   Bluetooth SoC for Embedded Wireless Devices
BCM20713A1KUBXGT CYPRESS-BCM20713A1KUBXGT Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20705 CYPRESS-BCM20705 Datasheet
1Mb / 67P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20713A1KUFBXG CYPRESS-BCM20713A1KUFBXG Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20705 CYPRESS-CYW20705 Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20704 CYPRESS-CYW20704 Datasheet
4Mb / 49P
   Single-Chip Bluetooth Transceiver and Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com