Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CYW20733 Fiches technique(PDF) 8 Page - Cypress Semiconductor

No de pièce CYW20733
Description  Single-Chip Bluetooth Transceiver Wireless Input Devices
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW20733 Fiches technique(HTML) 8 Page - Cypress Semiconductor

Back Button CYW20733 Datasheet HTML 4Page - Cypress Semiconductor CYW20733 Datasheet HTML 5Page - Cypress Semiconductor CYW20733 Datasheet HTML 6Page - Cypress Semiconductor CYW20733 Datasheet HTML 7Page - Cypress Semiconductor CYW20733 Datasheet HTML 8Page - Cypress Semiconductor CYW20733 Datasheet HTML 9Page - Cypress Semiconductor CYW20733 Datasheet HTML 10Page - Cypress Semiconductor CYW20733 Datasheet HTML 11Page - Cypress Semiconductor CYW20733 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
Document No. 002-14859 Rev. *R
Page 8 of 67
CYW20733
4 MHz maximum (Compatibility with high-speed I2C-compatible devices is not guaranteed.)
The following transfer types are supported by the BSC:
Read (up to 127 bytes can be read)
Write (up to 127 bytes can be written)
Read-then-Write (Up to 127 bytes can be read, and up to 127 bytes can be written.)
Write-then-Read (Up to 127 bytes can be written, and up to 127 bytes can be read.)
Hardware controls the transfers, requiring minimal firmware setup and supervision.
The clock pin (SCL) and data pin (SDA) are both open-drain I/O pins. Pull-up resistors external to the CYW20733 are required on
both SCL and SDA for proper operation.
1.4.2 UART Interface
The UART physical interface is a standard, 4-wire interface (RX, TX, RTS, and CTS) with adjustable baud rates from 9600 bps to 1.5
Mbps. During initial boot, UART speeds may be limited to 750 kbps. The baud rate may be selected via a vendor-specific UART HCI
command. The CYW20733 has a 1040-byte receive FIFO and a 1040-byte transmit FIFO to support enhanced data rates. The
interface supports the Bluetooth 3.0 UART HCI (H4) specification. The default baud rate for H4 is 115.2 kbaud.
The UART clock is 24 MHz. The baud rate of the CYW20733 UART is controlled by two values. The first is a UART clock divisor (also
called the DLBR register) that divides the UART clock by an integer multiple of 16. The second is a baud rate adjustment (also called
the DHBR register) that is used to specify a number of UART clock cycles to stuff in the first or second half of each bit time. Up to
eight UART cycles can be inserted into the first half of each bit time, and up to eight UART clock cycles can be inserted into the end
of each bit time.
When setting the baud rate manually, the UART clock divisor is an 8-bit value that is stored as 256 minus the chosen divisor. For
example, a divisor of 13 is stored as 256 – 13 = 243 = 0xF3.
The baud rate adjustment is also an 8-bit value, of which the four MSBs are the number of additional clock cycles to insert in the first
half of each bit time, and the four LSBs are the number of clock cycles to insert in the second half of each bit time. If either of these
two values is over eight, it is rounded to eight.
To compute the baud rate, the calculation is expressed as:
24 MHz ÷ ((16 × UART clock divisor) + total inserted 24-MHz clock cycles)
Table 2 contains example values to generate common baud rates.
Normally, the UART baud rate is set by a configuration record downloaded after reset. Support for changing the baud rate during
normal HCI UART operation is included through a vendor-specific command that allows the host to adjust the contents of the baud
rate registers.
The CYW20733 UART operates correctly with the host UART as long as the combined baud rate error of the two devices is within ±5%.
Peripheral UART Interface
The CYW20733 has a second UART that may be used to interface to other peripherals. This peripheral UART is accessed through
the optional I/O ports, which can be configured individually and separately for each functional pin as shown in Table 3.
Table 2. Common Baud Rate Examples
Desired Baud Rate
(bps)
UART Clock Divi-
sor
Baud Rate Adjustment
Actual Baud Rate
(bps)
Error
(%)
High Nibble
Low Nibble
1500000
0xFF
0x00
0x00
1500000
0.00
921600
0xFF
0x05
0x05
923077
0.16
460800
0xFD
0x02
0x02
461538
0.16
230400
0xFA
0x04
0x04
230769
0.16
115200
0xF3
0x00
0x00
115385
0.16
57600
0xE6
0x00
0x00
57692
0.16
38400
0xD9
0x01
0x00
38400
0.00
28800
0xCC
0x00
0x00
28846
0.16
19200
0xB2
0x01
0x01
19200
0.00
14400
0x98
0x00
0x00
14423
0.16
9600
0x64
0x02
0x02
9600
0.00


Numéro de pièce similaire - CYW20733

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CYW20730 CYPRESS-CYW20730 Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20730A1KFBG CYPRESS-CYW20730A1KFBG Datasheet
1Mb / 62P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20730A1KFBG CYPRESS-CYW20730A1KFBG Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20730A1KFBGT CYPRESS-CYW20730A1KFBGT Datasheet
1Mb / 62P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20730A1KFBGT CYPRESS-CYW20730A1KFBGT Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
More results

Description similaire - CYW20733

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CYW20730 CYPRESS-CYW20730 Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
BCM20730 CYPRESS-BCM20730 Datasheet
1Mb / 62P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20735 CYPRESS-CYW20735 Datasheet
4Mb / 55P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20734 CYPRESS-CYW20734 Datasheet
4Mb / 51P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
   Bluetooth SoC for Embedded Wireless Devices
BCM20713A1KUBXGT CYPRESS-BCM20713A1KUBXGT Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20705 CYPRESS-BCM20705 Datasheet
1Mb / 67P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20713A1KUFBXG CYPRESS-BCM20713A1KUFBXG Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20705 CYPRESS-CYW20705 Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20704 CYPRESS-CYW20704 Datasheet
4Mb / 49P
   Single-Chip Bluetooth Transceiver and Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com