Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


CYW20730A1KMLGT Datasheet(Fiches technique) 32 Page - Cypress Semiconductor

Numéro de pièce CYW20730A1KMLGT
Description  Single-Chip Bluetooth Transceiver for Wireless Input Devices
Télécharger  62 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo 

 32 page
background image
Pin Descriptions
BROADCOM
September 9, 2013 • 20730-DS108-R
Page 31
®
BCM20730 Data Sheet
BROADCOM CONFIDENTIAL
Core
18
20
G8
RESET_N
I/O
PU
VDDO
Active-low system reset with open-
drain output & internal pull-up
resistor
17
19
G7
TMC
I
VDDO
Test mode control
High: test mode
Connect to GND if not used.
UART
12
14
H5
UART_RXD
I
VDDMa
UART serial input – Serial data input
for the HCI UART interface. Leave
unconnected if not used.
Alternative function:
•GPIO3
13
15
G5
UART_TXD
O, PU VDDMa
UART serial output – Serial data
output for the HCI UART interface.
Leave unconnected if not used.
Alternative Function:
•GPIO2
BSC
15
17
F7
SDA
I/O,
PU
VDDMa
Data signal for an external I2C device.
Alternative function:
• SPI_1: MOSI (master only)
•GPIO0
•CTS
16
18
E8
SCL
I/O,
PU
VDDMa
Clock signal for an external I2C
device.
Alternative function:
• SPI_1: SPI_CLK (master only)
•GPIO1
•RTS
LDO Regulator Power Supplies
2
4
B1
LDOIN
I
LDO
Battery input supply for the LDO
3
5
C1
LDOOUT
O
LDO
LDO output
a. VDDO for 64-pin package.
Table 7: Pin Descriptions (Cont.)
Pin Number
Pin Name
I/O
Power
Domain
Description
32-Pin QFN 40-pin QFN 64-pin BGA




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl