Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CYW20730A1KMLG Fiches technique(PDF) 25 Page - Cypress Semiconductor

No de pièce CYW20730A1KMLG
Description  Single-Chip Bluetooth Transceiver for Wireless Input Devices
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW20730A1KMLG Fiches technique(HTML) 25 Page - Cypress Semiconductor

Back Button CYW20730A1KMLG Datasheet HTML 21Page - Cypress Semiconductor CYW20730A1KMLG Datasheet HTML 22Page - Cypress Semiconductor CYW20730A1KMLG Datasheet HTML 23Page - Cypress Semiconductor CYW20730A1KMLG Datasheet HTML 24Page - Cypress Semiconductor CYW20730A1KMLG Datasheet HTML 25Page - Cypress Semiconductor CYW20730A1KMLG Datasheet HTML 26Page - Cypress Semiconductor CYW20730A1KMLG Datasheet HTML 27Page - Cypress Semiconductor CYW20730A1KMLG Datasheet HTML 28Page - Cypress Semiconductor CYW20730A1KMLG Datasheet HTML 29Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 62 page
background image
Peripheral Transport Unit
BROADCOM
September 9, 2013 • 20730-DS108-R
Page 24
®
BCM20730 Data Sheet
BROADCOM CONFIDENTIAL
Local Oscillator
The local oscillator (LO) provides fast frequency hopping (1600 hops/second) across the 79 maximum available
channels. The BCM20730 uses an internal loop filter.
Calibration
The BCM20730 radio transceiver features a self-contained automated calibration scheme. No user interaction
is required during normal operation or during manufacturing to provide optimal performance. Calibration
compensates for filter, matching network, and amplifier gain and phase characteristics to yield radio
performance within 2% of what is optimal. Calibration takes process and temperature variations into account,
and it takes place transparently during normal operation and hop setting times.
Internal LDO Regulator
The BCM20730 has an integrated 1.2V LDO regulator that provides power to the digital and RF circuits. The
1.2V LDO regulator operates from a 1.425V to 3.63V input supply with a 30 mA maximum load current.
Peripheral Transport Unit
Broadcom Serial Communications Interface
The BCM20730 provides a 2-pin master BSC interface, which can be used to retrieve configuration information
from an external EEPROM or to communicate with peripherals such as track-ball or touch-pad modules, and
motion tracking ICs used in mouse devices. The BSC interface is compatible with I2C slave devices. The BSC does
not support multimaster capability or flexible wait-state insertion by either master or slave devices.
The following transfer clock rates are supported by the BSC:
•100 kHz
•400 kHz
• 800 kHz (Not a standard I2C-compatible speed.)
• 1 MHz (Compatibility with high-speed I2C-compatible devices is not guaranteed.)
The following transfer types are supported by the BSC:
• Read (Up to 16 bytes can be read.)
• Write (Up to 16 bytes can be written.)
• Read-then-Write (Up to 16 bytes can be read and up to 16 bytes can be written.)
• Write-then-Read (Up to 16 bytes can be written and up to 16 bytes can be read.)
Hardware controls the transfers, requiring minimal firmware setup and supervision.
Note: Always place the decoupling capacitors near the pins as closely together as possible.


Numéro de pièce similaire - CYW20730A1KMLG

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CYW20730A1KMLG CYPRESS-CYW20730A1KMLG Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20730A1KMLGT CYPRESS-CYW20730A1KMLGT Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
More results

Description similaire - CYW20730A1KMLG

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CYW20730 CYPRESS-CYW20730 Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20735 CYPRESS-CYW20735 Datasheet
4Mb / 55P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20734 CYPRESS-CYW20734 Datasheet
4Mb / 51P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20733 CYPRESS-CYW20733 Datasheet
7Mb / 67P
   Single-Chip Bluetooth Transceiver Wireless Input Devices
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
   Bluetooth SoC for Embedded Wireless Devices
BCM20713A1KUBXGT CYPRESS-BCM20713A1KUBXGT Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20705 CYPRESS-BCM20705 Datasheet
1Mb / 67P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20713A1KUFBXG CYPRESS-BCM20713A1KUFBXG Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20705 CYPRESS-CYW20705 Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20704 CYPRESS-CYW20704 Datasheet
4Mb / 49P
   Single-Chip Bluetooth Transceiver and Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com