Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CYW20730A1KMLG Fiches technique(PDF) 47 Page - Cypress Semiconductor

No de pièce CYW20730A1KMLG
Description  Single-Chip Bluetooth Transceiver for Wireless Input Devices
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW20730A1KMLG Fiches technique(HTML) 47 Page - Cypress Semiconductor

Back Button CYW20730A1KMLG Datasheet HTML 43Page - Cypress Semiconductor CYW20730A1KMLG Datasheet HTML 44Page - Cypress Semiconductor CYW20730A1KMLG Datasheet HTML 45Page - Cypress Semiconductor CYW20730A1KMLG Datasheet HTML 46Page - Cypress Semiconductor CYW20730A1KMLG Datasheet HTML 47Page - Cypress Semiconductor CYW20730A1KMLG Datasheet HTML 48Page - Cypress Semiconductor CYW20730A1KMLG Datasheet HTML 49Page - Cypress Semiconductor CYW20730A1KMLG Datasheet HTML 50Page - Cypress Semiconductor CYW20730A1KMLG Datasheet HTML 51Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
RF Specifications
BROADCOM
September 9, 2013 • 20730-DS108-R
Page 46
®
BCM20730 Data Sheet
BROADCOM CONFIDENTIAL
RF Specifications
Table 16: Receiver RF Specifications
Parameter
Mode and Conditions
Min
Typ
Max
Unit
Receiver Section
Frequency range
2402
2480
MHz
RX sensitivity (standard)
GFSK, 0.1%BER, 1 Mbps
–88.0
–84.0
dBm
RX sensitivity (low current)
–84.0
dBm
Input IP3
–16
dBm
Maximum input
–10
dBm
Interference Performance
C/I cochannel
GFSK, 0.1%BERa
a. Desired signal is 10 dB above the reference sensitivity level (defined as –70 dBm).
––
11.0
dB
C/I 1 MHz adjacent channel
GFSK, 0.1%BERa
––
0.0
dB
C/I 2 MHz adjacent channel
GFSK, 0.1%BERa
–30.0
dB
C/I
≥ 3 MHz adjacent channel
GFSK, 0.1%BERb
b. Desired signal is 3 dB above the reference sensitivity level (defined as –70 dBm).
–40.0
dB
C/I image channel
GFSK, 0.1%BERa
––
–9.0
dB
C/I 1 MHz adjacent to image
channel
GFSK, 0.1%BERa
–20.0
dB
Out-of-Band Blocking Performance (CW)b
30 MHz to 2000 MHz
0.1%BER
–10.0
dBm
2000 MHz to 2399 MHz
0.1%BER
–27
dBm
2498 MHz to 3000 MHz
0.1%BER
–27
dBm
3000 MHz to 12.75 GHz
0.1%BER
–10.0
dBm
Spurious Emissions
30 MHz to 1 GHz
–57.0
dBm
1 GHz to 12.75 GHz
–55.0
dBm


Numéro de pièce similaire - CYW20730A1KMLG

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CYW20730A1KMLG CYPRESS-CYW20730A1KMLG Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20730A1KMLGT CYPRESS-CYW20730A1KMLGT Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
More results

Description similaire - CYW20730A1KMLG

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CYW20730 CYPRESS-CYW20730 Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20735 CYPRESS-CYW20735 Datasheet
4Mb / 55P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20734 CYPRESS-CYW20734 Datasheet
4Mb / 51P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20733 CYPRESS-CYW20733 Datasheet
7Mb / 67P
   Single-Chip Bluetooth Transceiver Wireless Input Devices
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
   Bluetooth SoC for Embedded Wireless Devices
BCM20713A1KUBXGT CYPRESS-BCM20713A1KUBXGT Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20705 CYPRESS-BCM20705 Datasheet
1Mb / 67P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20713A1KUFBXG CYPRESS-BCM20713A1KUFBXG Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20705 CYPRESS-CYW20705 Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20704 CYPRESS-CYW20704 Datasheet
4Mb / 49P
   Single-Chip Bluetooth Transceiver and Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com